Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC9S12XEP100J1VAL Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # PC9S12XEP100J1VAL
Description  Microcontrollers
PDF  1036 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC9S12XEP100J1VAL Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button PC9S12XEP100J1VAL Datasheet HTML 72Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 73Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 74Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 75Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 76Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 77Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 78Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 79Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 1036 page
background image
Chapter 1 Device Overview MC9S12XE-Family
MC9S12XE-Family Reference Manual , Rev. 1.07
76
Freescale Semiconductor
1.12
Oscillator Configuration
The XCLKS is an input signal which controls whether a crystal in combination with the internal loop
controlled (low power) Pierce oscillator is used or whether full swing Pierce oscillator/external clock
circuitry is used. For this device XCLKS is mapped to PE7.
The XCLKS signal selects the oscillator configuration during reset low phase while a clock quality check
is ongoing. This is the case for:
•
Power on reset or low-voltage reset
•
Clock monitor reset
•
Any reset while in self-clock mode or full stop mode
The selected oscillator configuration is frozen with the rising edge of the RESET pin in any of these above
described reset cases.
Figure 1-9. Loop Controlled Pierce Oscillator Connections (XCLKS = 1)
Figure 1-10. Full Swing Pierce Oscillator Connections (XCLKS = 0)
Figure 1-11. External Clock Connections (XCLKS = 0)
MCU
EXTAL
XTAL
VSSPLL
Crystal or
Ceramic Resonator
C2
C1
MCU
EXTAL
XTAL
RS
RB
VSSPLL
Crystal or
Ceramic Resonator
C2
C1
RB=1MΩ ; RS specified by crystal vendor
MCU
EXTAL
XTAL
CMOS-Compatible
External Oscillator
Not Connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com