Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC9S12XEP100J1VAL Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # PC9S12XEP100J1VAL
Description  Microcontrollers
PDF  1036 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC9S12XEP100J1VAL Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button PC9S12XEP100J1VAL Datasheet HTML 80Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 81Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 82Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 83Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 84Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 85Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 86Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 87Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 1036 page
background image
Chapter 2 Port Integration Module (S12XEPIMV1)
MC9S12XE-Family Reference Manual , Rev. 1.07
84
Freescale Semiconductor
•
Port AD0 and AD1 associated with two 16-channel ATD modules
•
Port R associated with 1 stardard timer (TIM) module
•
Port L associated with 4 SCI modules
•
Port F associated with IIC, SCI and chip select outputs
Most I/O pins can be configured by register bits to select data direction and drive strength, to enable and
select pull-up or pull-down devices.
NOTE
This document assumes the availabitity of all features (208-pin package
option). Some functions are not available on lower pin count package
options. Refer to the pin-out summary in the SOC Guide.
2.1.2
Features
The Port Integration Module includes these distinctive registers:
•
Data and data direction registers for Ports A, B, C, D, E, K, T, S, M, P, H, J, AD0, AD1, R, L, and
F when used as general-purpose I/O
•
Control registers to enable/disable pull-device and select pull-ups/pull-downs on Ports T, S, M, P,
H, J, R, L, and F on per-pin basis
•
Control registers to enable/disable pull-up devices on Ports AD0 and AD1 on per-pin basis
•
Single control register to enable/disable pull-ups on Ports A, B, C, D, E, and K on per-port basis
and on BKGD pin
•
Control registers to enable/disable reduced output drive on Ports T, S, M, P, H, J, AD0, AD1, R, L,
and F on per-pin basis
•
Single control register to enable/disable reduced output drive on Ports A, B, C, D, E, and K on
per-port basis
•
Control registers to enable/disable open-drain (wired-or) mode on Ports S, M, and L
•
Interrupt flag register for pin interrupts on Ports P, H, and J
•
Control register to configure IRQ pin operation
•
Free-running clock outputs
A standard port pin has the following minimum features:
•
Input/output selection
•
5V output drive with two selectable drive strengths
•
5V digital and analog input
•
Input with selectable pull-up or pull-down device
Optional features supported on dedicated pins:
•
Open drain for wired-or connections
•
Interrupt inputs with glitch filtering
•
Reduced input threshold to support low voltage applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com