Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC9S12XEP100J1VAL Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # PC9S12XEP100J1VAL
Description  Microcontrollers
PDF  1036 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC9S12XEP100J1VAL Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button PC9S12XEP100J1VAL Datasheet HTML 65Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 66Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 67Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 68Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 69Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 70Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 71Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 72Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 1036 page
background image
Chapter 1 Device Overview MC9S12XE-Family
MC9S12XE-Family Reference Manual Rev. 1.07
Freescale Semiconductor
69
MPU is set, access to system resources is only allowed if enabled by a memory range descriptor as defined
in the Memory Protection Unit (MPU) description.
1.4.4.2
User State
This state is intended for carrying out system tasks and is entered by setting the U bit of the condition codes
register while in Supervisor state. Restrictions apply for the execution of several CPU instructions in User
state and access to system resources is only allowed in if enabled by a memory range descriptor as defined
in the Memory Protection Unit (MPU) description.
1.5
Security
The MCU security feature allows the protection of the on chip Flash and emulated EEPROM memory. For
a detailed description of the security features refer to the S12X9SEC description.
1.6
Resets and Interrupts
Consult the S12XCPU manual and the S12XINT description for information on exception processing.
1.6.1
Resets
Resets are explained in detail in the Clock Reset Generator (CRG) description.
1.6.2
Vectors
Table 1-13 lists all interrupt sources and vectors in the default order of priority. The interrupt module
(S12XINT) provides an interrupt vector base register (IVBR) to relocate the vectors. Associated with each
I-bit maskable service request is a configuration register. It selects if the service request is enabled, the
service request priority level and whether the service request is handled either by the S12X CPU or by the
XGATE module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com