Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC9S12XEP100J1VAL Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # PC9S12XEP100J1VAL
Description  Microcontrollers
PDF  1036 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC9S12XEP100J1VAL Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button PC9S12XEP100J1VAL Datasheet HTML 20Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 21Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 22Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 23Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 24Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 25Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 26Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 27Page - Freescale Semiconductor, Inc PC9S12XEP100J1VAL Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 1036 page
background image
Chapter 1 Device Overview MC9S12XE-Family
MC9S12XE-Family Reference Manual , Rev. 1.07
24
Freescale Semiconductor
— Four separate interrupt channels for Rx, Tx, error, and wake-up
— Low-pass filter wake-up function
— Loop-back for self-test operation
•
ECT (enhanced capture timer)
— 8 x 16-bit channels for input capture or output compare
— 16-bit free-running counter with 8-bit precision prescaler
— 16-bit modulus down counter with 8-bit precision prescaler
— Four 8-bit or two 16-bit pulse accumulators
•
TIM (standard timer module)
— 8 x 16-bit channels for input capture or output compare
— 16-bit free-running counter with 8-bit precision prescaler
— 1 x 16-bit pulse accumulator
•
PIT (periodic interrupt timer)
— Up to eight timers with independent time-out periods
— Time-out periods selectable between 1 and 224 bus clock cycles
— Time-out interrupt and peripheral triggers
•
8 PWM (pulse-width modulator) channels
— 8 channel x 8-bit or 4 channel x 16-bit Pulse Width Modulator
— programmable period and duty cycle per channel
— Center- or left-aligned outputs
— Programmable clock select logic with a wide range of frequencies
— Fast emergency shutdown input
•
Three Serial Peripheral Interface Modules (SPI)
— Configurable for 8 or 16-bit data size
•
Eight Serial Communication Interfaces (SCI)
— Standard mark/space non-return-to-zero (NRZ) format
— Selectable IrDA 1.4 return-to-zero-inverted (RZI) format with programmable pulse widths
•
Two Inter-IC bus (IIC) Modules
— Multi-master operation
— Software programmable for one of 256 different serial clock frequencies
— Broadcast mode support
— 10-bit address support
•
On-Chip Voltage Regulator
— Two parallel, linear voltage regulators with bandgap reference
— Low-voltage detect (LVD) with low-voltage interrupt (LVI)
— Power-on reset (POR) circuit
— 3.3V and 5V range operation
— Low-voltage reset (LVR)
•
Low-power wake-up timer (API)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com