Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADMFM2000ABVZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADMFM2000ABVZ
Description  Dual-Channel, 0.5 GHz to 32 GHz, Microwave Downconverter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMFM2000ABVZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADMFM2000ABVZ Datasheet HTML 3Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 4Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 5Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 6Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 7Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 8Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 9Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 10Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
ADMFM2000
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 7 of 28
Figure 2. BGA Ball Array Configuration (Top View)
Figure 3. 179-Ball Pin Configuration (Top View)
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
RF Inputs and Outputs
D2
RF_IN_1
Input
Channel 1, RF Input, AC-Coupled, Matched to 50 Ω.
L2
RF_IN_2
Input
Channel 2, RF Input, AC-Coupled, Matched to 50 Ω.
H2
LO_IN
Input
LO Input, AC-Coupled, Matched to 50 Ω.
B6
LNA_OUT_1
Output
Channel 1, LNA Output, AC-Coupled, Matched to 50 Ω.
M6
LNA_OUT_2
Output
Channel 2, LNA Output, AC-Coupled, Matched to 50 Ω
B10
MIXER_IN_1
Input
Channel 1, Input to Mixer.
M10
MIXER_IN_2
Input
Channel 2, Input to Mixer.
B12
RF_BYPASS_IN_1
Input
Channel 1, IF Input, AC-Coupled, Matched to 50 Ω.
M12
RF_BYPASS_IN _2
Input
Channel 2, IF Input, AC-Coupled, Matched to 50 Ω.
F18
IF_OUT_1
Output
Channel 1, IF Output, AC-Coupled, Matched to 50 Ω.
L18
IF_OUT_2
Output
Channel 2, IF Output, AC-Coupled, Matched to 50 Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com