Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADMFM2000ABVZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADMFM2000ABVZ
Description  Dual-Channel, 0.5 GHz to 32 GHz, Microwave Downconverter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMFM2000ABVZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADMFM2000ABVZ Datasheet HTML 15Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 16Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 17Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 18Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 19Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 20Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 21Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 22Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
ADMFM2000
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 19 of 28
LNA-MIXER CASCADED (RF_IN_
x TO IF_OUT_x)
TA = 25°C, VDD_IF_1 = VDD_IF_2 = 5 V, VSS_DSAS = −5 V, PRF_IN_x = −20 dBm, 5.5 dB attenuation between LNA_OUT_x and MIXER_IN,
SW1_CTRL_A = −5 V, SW1_CTRL_B = 0 V, SW2_CTRL_A = 0 V, and SW2_CTRL_B = −5 V.
Figure 57. Gain, Noise Figure, and Input IP3 vs. Frequency at an IF
Frequency = 3.0 GHz, POUT per Tone = −15 dBm
Figure 58. Gain, Noise Figure, Input P1dB, Input IP2, and Input IP3 vs.
Attenuation between LNA_OUT_x and MIXER_IN_x at an RF Frequency = 18
GHz and IF Frequency = 3.0 GHz, POUT per Tone = −15 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com