Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADMFM2000ABVZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADMFM2000ABVZ
Description  Dual-Channel, 0.5 GHz to 32 GHz, Microwave Downconverter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMFM2000ABVZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADMFM2000ABVZ Datasheet HTML 12Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 13Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 14Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 15Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 16Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 17Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 18Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 19Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Data Sheet
ADMFM2000
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 16 of 28
DIRECT IF (RF_BYPASS_IN_
x TO IF_OUT_x)
TA = 25°C, VDD_IF_1 = VDD_IF_2 = 5 V, VSS_DSAS = −5 V, PRF_BYPASS_IN_1 = −20 dBm, and RF_BYPASS_IN_2 power (PRF_BYPASS_IN_2) =
−20 dBm.
Figure 39. Gain vs. Frequency for Various Temperatures
Figure 40. Gain vs. Frequency for Various Supply Voltages
Figure 41. Gain vs. Frequency for Various DSA Settings
Figure 42. Input Return Loss vs. Frequency for Various Temperatures
Figure 43. Input Return Loss vs. Frequency for Various Supply Voltages
Figure 44. Output Return Loss vs. Frequency for Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com