Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADMFM2000ABVZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADMFM2000ABVZ
Description  Dual-Channel, 0.5 GHz to 32 GHz, Microwave Downconverter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMFM2000ABVZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADMFM2000ABVZ Datasheet HTML 16Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 17Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 18Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 19Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 20Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 21Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 22Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 23Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Data Sheet
ADMFM2000
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 20 of 28
SPURIOUS PERFORMANCE
Mixer spurious products are measured in dB from the IF output
power level. Spurious values are (N × LO) – (M × RF). N/A means
not applicable.
M × N Spurious Outputs, IF = 1 GHz
RF input frequency = 10 GHz, RF input power at mixer input = −20
dBm, LO frequency = 11 GHz, and the LO input power = 6 dBm.
M × N spurs other than the RF input and LO input signal at the IF
output are more than 51 dB down from the main IF output at 1 GHz.
Over 8 GHz, spurs are rejected significantly by the low-pass filter
(LPF) on the signal path.
Table 6. M x N Spurious at Mixer Mode1
N × LO
0
1
2
3
4
5
M × RF
0 N/A
−10.1
+57.4
+69.2
+70.5
N/A
1 +3.8
0.0
+51.2
+87.0
+83.8
+94.4
2 +87.6
+61.6
+56.7
+100.2 +108.6 +104.7
3 +108.9 +111.6 +95.6
+109.0 +114.0 +110.5
4 +105.5 +108.6 +112.6 +117.9 +100.9 +114.0
5 +102.5 +103.9 +112.2 +112.2 +107.5 +114.7
1 Level (dB) refers to an IF output = −26 dBm at 1 GHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com