Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADIS16501-2/PCBZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADIS16501-2/PCBZ
Description  Precision, MEMS IMU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16501-2/PCBZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADIS16501-2/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 22Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 23Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 24Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 25Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 26Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 27Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 28Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
Data Sheet
ADIS16501
THEORY OF OPERATION
analog.com
Rev. B | 25 of 45
Table 9. Group Delay with No Filtering, 370 Hz Bandwidth, MSC_CTRL, Bit 4 =
1 (Continued)
Inertial Sensor
Group Delay (ms)1
Gyroscope (Z-Axis)
1.54
1 In this context, latency represents the time between the motion (linear acceler-
ation and/or angular rate of rotation) and the time that the representative data
is available in the output data register.
When the FILT_CTRL register is not equal to 0, the group delay
contribution of the Bartlett window filter (in terms of sample cycles)
is equal to N (see Table 103). When the DEC_RATE register is not
equal to 0, the group delay contribution of the decimation filter (in
terms of sample cycles) is equal D + 1, divided by 2 (see Table
111).
Data Acquisition
The total latency is equal to the sum of the group delay and
the data acquisition time, which represents the time it takes the
system processor to read the data from the output data registers of
the ADIS16501. For example, when using the burst read function,
with an SCLK rate of 1 MHz, the data acquisition time is equal to
176 µs (11 segments × 16 SCLKs/segment × 1 µs/SCLK).
DEVICE CONFIGURATION
Each configuration register contains 16 bits (two bytes). Bits[7:0]
contain the low byte, and Bits[15:8] contain the high byte. Each byte
has its own unique address in the user register map (see Table 10).
Updating the contents of a register requires writing to both of its
bytes in the following sequence: low byte first, high byte second.
There are three parts to coding an SPI command (see Figure 40)
that write a new byte of data to a register: the write bit (R/W =
1), the address of the byte, [A6:A0], and the new data for that
location, [DC7:DC0]. Figure 46 shows a coding example for writing
0x0004 to the FILT_CTRL register (see Table 103). In Figure 46,
the 0xDC04 command writes 0x04 to Address 0x5C (lower byte),
and the 0xDD00 command writes 0x00 to Address 0x5D (upper
byte).
Figure 46. SPI Sequence for Writing 0x0004 to FILT_CTRL
MEMORY STRUCTURE
Figure 47 provides a functional diagram for the memory structure
of the ADIS16501. The flash memory bank contains the operational
code, unit specific calibration coefficients, and user configuration
settings. During initialization (power application or reset recover),
this information loads from the flash memory into the static ran-
dom access memory (SRAM), which supports all normal operation
including register access through the SPI port. Writing to a con-
figuration register using the SPI updates the SRAM location of
the register but does not automatically update its settings in the
flash memory bank. The manual flash memory update command
(Register GLOB_CMD, Bit 3, see Table 113) provides a convenient
method for saving all of these settings to the flash memory bank at
one time. A yes in the flash backup column of Table 10 identifies
the registers that have storage support in the flash memory bank.
Figure 47. SRAM and Flash Memory Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com