Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADIS16501-2/PCBZ Datasheet(PDF) 36 Page - Analog Devices

Part # ADIS16501-2/PCBZ
Description  Precision, MEMS IMU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16501-2/PCBZ Datasheet(HTML) 36 Page - Analog Devices

Back Button ADIS16501-2/PCBZ Datasheet HTML 32Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 34Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 35Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 36Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 37Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 38Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 39Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
Data Sheet
ADIS16501
USER REGISTER DEFINITIONS
analog.com
Rev. B | 36 of 45
Calibration, Gyroscope Bias (ZG_BIAS_LOW
and ZG_BIAS_HIGH)
Table 86. ZG_BIAS_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x48, 0x49
0x0000
R/W
Yes
Table 87. ZG_BIAS_LOW Bit Definitions
Bits
Description
[15:0]
Z-axis gyroscope offset correction, lower word
Table 88. ZG_BIAS_HIGH Register Definition
Addresses
Default
Access
Flash Backup
0x4A, 0x4B
0x0000
R/W
Yes
Table 89. ZG_BIAS_HIGH Bit Definitions
Bits
Description
[15:0]
Z-axis gyroscope offset correction factor, upper word
The ZG_BIAS_LOW (see Table 86 and Table 87) and ZG_BIAS_
HIGH (see Table 88 and Table 89) registers combine to allow
users to adjust the bias of the z-axis gyroscopes. The data format
examples in Table 14 also apply to the ZG_BIAS_HIGH register,
and the data format examples in Table 15 apply to the 32-bit
combination of the ZG_BIAS_LOW and ZG_BIAS_HIGH registers.
These registers influence the z-axis gyroscope measurements in
the same manner that the XG_BIAS_LOW and XG_BIAS_HIGH
registers influence the x-axis gyroscope measurements (see Figure
56).
Calibration, Accelerometer Bias
(XA_BIAS_LOW and XA_BIAS_HIGH)
Table 90. XA_BIAS_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x4C, 0x4D
0x0000
R/W
Yes
Table 91. XA_BIAS_LOW Bit Definitions
Bits
Description
[15:0]
X-axis accelerometer offset correction, lower word
Table 92. XA_BIAS_HIGH Register Definition
Addresses
Default
Access
Flash Backup
0x4E, 0x4F
0x0000
R/W
Yes
Table 93. XA_BIAS_HIGH Bit Definitions
Bits
Description
[15:0]
X-axis accelerometer offset correction, upper word
The XA_BIAS_LOW (see Table 90 and Table 91) and XA_BIAS_
HIGH (see Table 92 and Table 93) registers combine to allow users
to adjust the bias of the x-axis accelerometers. The data format
examples in Table 28 also apply to the XA_BIAS_HIGH register,
and the data format examples in Table 29 apply to the 32-bit
combination of the XA_BIAS_LOW and XA_BIAS_HIGH registers.
See Figure 57 for an illustration of how these two registers combine
and influence the x-axis accelerometer measurements.
Figure 57. User Calibration Signal Path, Accelerometers
Calibration, Accelerometer Bias
(YA_BIAS_LOW and YA_BIAS_HIGH)
Table 94. YA_BIAS_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x50, 0x51
0x0000
R/W
Yes
Table 95. YA_BIAS_LOW Bit Definitions
Bits
Description
[15:0]
Y-axis accelerometer offset correction, lower word
Table 96. YA_BIAS_HIGH Register Definition
Addresses
Default
Access
Flash Backup
0x52, 0x53
0x0000
R/W
Yes
Table 97. YA_BIAS_HIGH Bit Definitions
Bits
Description
[15:0]
Y-axis accelerometer offset correction, upper word
The YA_BIAS_LOW (see Table 94 and Table 95) and
YA_BIAS_HIGH (see Table 96 and Table 97) registers combine
to allow users to adjust the bias of the y-axis accelerometers. The
data format examples in Table 28 also apply to the YA_BIAS_HIGH
register, and the data format examples in Table 29 apply to the
32-bit combination of the YA_BIAS_LOW and YA_BIAS_HIGH
registers. These registers influence the y-axis accelerometer
measurements in the same manner that the XA_BIAS_LOW
and XA_BIAS_HIGH registers influence the x-axis accelerometer
measurements (see Figure 57).
Calibration, Accelerometer Bias
(ZA_BIAS_LOW and ZA_BIAS_HIGH)
Table 98. ZA_BIAS_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x54, 0x55
0x0000
R/W
Yes
Table 99. ZA_BIAS_LOW Bit Definitions
Bits
Description
[15:0]
Z-axis accelerometer offset correction, lower word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com