Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADIS16501-2/PCBZ Datasheet(PDF) 33 Page - Analog Devices

Part # ADIS16501-2/PCBZ
Description  Precision, MEMS IMU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16501-2/PCBZ Datasheet(HTML) 33 Page - Analog Devices

Back Button ADIS16501-2/PCBZ Datasheet HTML 29Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 30Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 31Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 32Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 34Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 35Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 36Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
Data Sheet
ADIS16501
USER REGISTER DEFINITIONS
analog.com
Rev. B | 33 of 45
Y-Axis Delta Angle (Y_DELTANG_LOW and
Y_DELTANG_OUT)
Table 54. Y_DELTANG_LOW Register Definitions
Addresses
Default
Access
Flash Backup
0x28, 0x29
Not applicable
R
No
Table 55. Y_DELTANG_LOW Bit Definitions
Bits
Description
[15:0]
Y-axis delta angle data, low word
Table 56. Y_DELTANG_OUT Register Definitions
Addresses
Default
Access
Flash Backup
0x2A, 0x2B
Not applicable
R
No
Table 57. Y_DELTANG_OUT Bit Definitions
Bits
Description
[15:0]
Y-axis delta angle data, twos complement, 0° = 0x0000, 1 LSB =
ΔθMAX/215 (see Table 49 for ±ΔθMAX)
The Y_DELTANG_LOW (see Table 54 and Table 55) and Y_DEL-
TANG_OUT (see Table 56 and Table 57) registers contain the delta
angle data for the y-axis.
Z-Axis Delta Angle (Z_DELTANG_LOW and
Z_DELTANG_OUT)
Table 58. Z_DELTANG_LOW Register Definitions
Addresses
Default
Access
Flash Backup
0x2C, 0x2D
Not applicable
R
No
Table 59. Z_DELTANG_LOW Bit Definitions
Bits
Description
[15:0]
Z-axis delta angle data, low word
Table 60. Z_DELTANG_OUT Register Definitions
Addresses
Default
Access
Flash Backup
0x2E, 0x2F
Not applicable
R
No
Table 61. Z_DELTANG_OUT Bit Definitions
Bits
Description
[15:0]
Z-axis delta angle data, twos complement, 0° = 0x0000, 1 LSB =
ΔθMAX/215 (see Table 49 for ±ΔθMAX)
The Z_DELTANG_LOW (see Table 58 and Table 59) and Z_DEL-
TANG_OUT (see Table 60 and Table 61) registers contain the delta
angle data for the z-axis.
Delta Angle Resolution
Table 62 and Table 63 show various numerical examples that
demonstrate the format of the delta angle data in both 16-bit and
32-bit formats.
Table 62. 16-Bit Delta Angle Data Format Examples
Delta Angle (°)
Decimal
Hex
Binary
ΔθMAX × (215−1)/215
+32,767
0x7FFF
0111 1111 1110 1111
+ΔθMAX/214
+2
0x0002
0000 0000 0000 0010
+ΔθMAX/215
+1
0x0001
0000 0000 0000 0001
0
0
0x0000
0000 0000 0000 0000
−ΔθMAX/215
−1
0xFFFF
1111 1111 1111 1111
−ΔθMAX/214
−2
0xFFFE
1111 1111 1111 1110
−ΔθMAX
−32,768
0x8000
1000 0000 0000 0000
Table 63. 32-Bit Delta Angle Data Format Examples
Delta Angle (°)
Decimal
Hex
+ΔθMAX × (231 − 1)/231
+2,147,483,647
0x7FFFFFFF
+ΔθMAX/230
+2
0x00000002
+ΔθMAX/231
+1
0x00000001
0
0
0x00000000
−ΔθMAX/231
−1
0xFFFFFFFF
−ΔθMAX/230
−2
0xFFFFFFFE
−ΔθMAX
−2,147,483,648
0x80000000
DELTA VELOCITY
In addition to the linear acceleration measurements along each
axis (x, y, and z), the ADIS16501 also provides delta velocity
measurements that represent a calculation of linear velocity change
between each sample update.
Figure 54. Delta Velocity Axis and Polarity Assignments
The delta velocity outputs represent an integration of the accelera-
tion measurements and use the following formula for all three axes
(x-axis displayed):
ΔVx,nD= 12×fS ×∑d=0D−1aX,nD+d+aX,nD+d−1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com