Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADIS16501-2/PCBZ Datasheet(PDF) 34 Page - Analog Devices

Part # ADIS16501-2/PCBZ
Description  Precision, MEMS IMU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16501-2/PCBZ Datasheet(HTML) 34 Page - Analog Devices

Back Button ADIS16501-2/PCBZ Datasheet HTML 30Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 31Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 32Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 34Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 35Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 36Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 37Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
Data Sheet
ADIS16501
USER REGISTER DEFINITIONS
analog.com
Rev. B | 34 of 45
where:
x is the x-axis.
n is the sample time, prior to the decimation filter.
D is the decimation rate (DEC_RATE + 1, see Table 111).
fS is the sample rate.
d is the incremental variable in the summation formula.
aX is the x-axis acceleration.
When using the internal sample clock, fS is equal to a nominal rate
of 2000 SPS. For better precision in this measurement, measure
the internal sample rate (fS) using the data ready signal on the DR
pin (DEC_RATE = 0x0000, see Table 110), divide each delta angle
result (from the delta angle output registers) by the data ready
frequency, and multiply it by 2000. Each axis of the delta velocity
measurements has two output data registers. Figure 55 shows how
these two registers combine to support 32‑bit, twos complement
data format for the delta velocity measurements along the x-axis.
This format also applies to the y- and z-axes.
Figure 55. Delta Velocity Output Data Structure
X-Axis Delta Velocity (X_DELTVEL_LOW and
X_DELTVEL_OUT)
Table 64. X_DELTVEL_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x30, 0x31
Not applicable
R
No
Table 65. X_DELTVEL_LOW Bit Definitions
Bits
Description
[15:0]
X-axis delta velocity data, additional resolution bits
Table 66. X_DELTVEL_OUT Register Definition
Addresses
Default
Access
Flash Backup
0x32, 0x33
Not applicable
R
No
Table 67. Table 67. X_DELTVEL_OUT Bit Definitions
Bits
Description
[15:0]
X-axis delta velocity data, twos complement, ±125 m/sec range, 0
m/sec = 0x0000, 1 LSB = 125 m/sec ÷ 215 = 0.003814697 m/sec
The X_DELTVEL_LOW (see Table 64 and Table 65) and X_DELT-
VEL_OUT (see Table 66 and Table 67) registers contain the delta
velocity data for the x-axis.
Y-Axis Delta Velocity (Y_DELTVEL_LOW and
Y_DELTVEL_OUT)
Table 68. Y_DELTVEL_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x34, 0x35
Not applicable
R
No
Table 69. Y_DELTVEL_LOW Bit Definitions
Bits
Description
[15:0]
Y-axis delta velocity data, additional resolution bits
Table 70. Y_DELTVEL_OUT Register Definition
Addresses
Default
Access
Flash Backup
0x36, 0x37
Not applicable
R
No
Table 71. Y_DELTVEL_OUT Bit Definitions
Bits
Description
[15:0]
Y-axis delta velocity data, twos complement, ±125 m/sec range, 0
m/sec = 0x0000, 1 LSB = 125 m/sec ÷ 215 = 0.003814697 m/sec
The Y_DELTVEL_LOW (see Table 68 and Table 69) and Y_DELT-
VEL_OUT (see Table 70 and Table 71) registers contain the delta
velocity data for the y-axis.
Z-Axis Delta Velocity (Z_DELTVEL_LOW and
Z_DELTVEL_OUT)
Table 72. Z_DELTVEL_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x38, 0x39
Not applicable
R
No
Table 73. Z_DELTVEL_LOW Bit Definitions
Bits
Description
[15:0]
Z-axis delta velocity data, additional resolution bits
Table 74. Z_DELTVEL_OUT Register Definition
Addresses
Default
Access
Flash Backup
0x3A, 0x3B
Not applicable
R
No
Table 75. Z_DELTVEL_OUT Bit Definitions
Bits
Description
[15:0]
Z-axis delta velocity data, twos complement, ±125 m/sec range, 0
m/sec = 0x0000, 1 LSB = 125 m/sec ÷ 215 = 0.003814697 m/sec
The Z_DELTVEL_LOW (see Table 72 and Table 73) and Z_DELT-
VEL_OUT (see Table 74 and Table 75) registers contain the delta
velocity data for the z-axis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com