Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADIS16501-2/PCBZ Datasheet(PDF) 31 Page - Analog Devices

Part # ADIS16501-2/PCBZ
Description  Precision, MEMS IMU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16501-2/PCBZ Datasheet(HTML) 31 Page - Analog Devices

Back Button ADIS16501-2/PCBZ Datasheet HTML 27Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 28Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 29Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 30Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 31Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 32Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 34Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
Data Sheet
ADIS16501
USER REGISTER DEFINITIONS
analog.com
Rev. B | 31 of 45
The Y_ACCL_LOW (see Table 34 and Table 35) and Y_ACCL_
OUT (see Table 36 and Table 37) registers contain the accelerome-
ter data for the y-axis.
Z-Axis Accelerometer (Z_ACCL_LOW and
Z_ACCL_OUT)
Table 38. Z_ACCL_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x18, 0x19
Not applicable
R
No
Table 39. Z_ACCL_LOW Bit Definitions
Bits
Description
[15:0]
Z-axis accelerometer data, additional resolution bits
Table 40. Z_ACCL_OUT Register Definition
Addresses
Default
Access
Flash Backup
0x1A, 0x1B
Not applicable
R
No
Table 41. Z_ACCL_OUT Bit Definitions
Bits
Description
[15:0]
Z-axis accelerometer data, high word, twos complement, ±14 g range,
0 g = 0x0000, 1 LSB = 1.25 mg
The Z_ACCL_LOW (see Table 38 and Table 39) and Z_ACCL_
OUT (see Table 40 and Table 41) registers contain the accelerome-
ter data for the z-axis.
INTERNAL TEMPERATURE (TEMP_OUT)
Table 42. TEMP_OUT Register Definition
Addresses
Default
Access
Flash Backup
0x1C, 0x1D
Not applicable
R
No
Table 43. TEMP_OUT Bit Definitions
Bits
Description
[15:0]
Temperature data, twos complement, 1 LSB = 0.1°C, 0°C = 0x0000
The TEMP_OUT register (see Table 42 and Table 43) provides a
coarse measurement of the temperature inside of the ADIS16501.
This data is most useful for monitoring relative changes in the
thermal environment.
Table 44. TEMP_OUT Data Format Examples
Temperature (°C)
Decimal
Hex
Binary
+105
+1050
0x041A
0000 0100 0001 1010
+25
+250
0x00FA
0000 0000 1111 1010
+0.2
+2
0x0002
0000 0000 0000 0010
+0.1
+1
0x0001
0000 0000 0000 0001
0
0
0x0000
0000 0000 0000 0000
−0.1
−1
0xFFFF
1111 1111 1111 1111
−0.2
−2
0xFFFE
1111 1111 1111 1110
−40
−400
0xFE70
1111 1110 0111 0000
TIME STAMP (TIME_STAMP)
Table 45. TIME_STAMP Register Definition
Addresses
Default
Access
Flash Backup
0x1E, 0x1F
Not applicable
R
No
Table 46. TIME_STAMP Bit Definitions
Bits
Description
[15:0]
Time from the last pulse on the SYNC pin, offset binary format, 1
LSB = 49.02 µs
The TIME_STAMP register (see Table 45 and Table 46) works
with scaled sync mode (Register MSC_CTRL, Bits[3:2] = 10, see
Table 107). The 16-bit number in TIME_ STAMP contains the time
associated with the last sample in each data update relative to
the most recent edge of the clock signal in the SYNC pin. For
example, when the value in the UP_SCALE register (see Table
109) represents a scale factor of 20, DEC_RATE = 0, and the
external SYNC rate = 100 Hz, the following time stamp sequence
results: 0 LSB, 10 LSB, 20 LSB, 30 LSB, 40 LSB, 50 LSB, 61 LSB,
71 LSB, … , 193 LSB for the 20th sample, which translates to 0 µs,
490 µs, … , 9460 µs, the time from the first SYNC edge.
DATA UPDATE COUNTER (DATA_CNTR)
Table 47. DATA_CNTR Register Definition
Addresses
Default
Access
Flash Backup
0x22, 0x23
Not applicable
R
No
Table 48. DATA_CNTR Bit Definitions
Bits
Description
[15:0]
Data update counter, offset binary format
When the ADIS16501 goes through its power-on sequence or when
it recovers from a reset command, DATA_CNTR (see Table 47 and
Table 48) starts with a value of 0x0000 and increments every time
new data loads into the output registers. When the DATA_CNTR
value reaches 0xFFFF, the next data update causes it to wrap back
around to 0x0000 where it continues to increment every time new
data loads into the output registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com