Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADIS16501-2/PCBZ Datasheet(PDF) 35 Page - Analog Devices

Part # ADIS16501-2/PCBZ
Description  Precision, MEMS IMU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16501-2/PCBZ Datasheet(HTML) 35 Page - Analog Devices

Back Button ADIS16501-2/PCBZ Datasheet HTML 31Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 32Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 34Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 35Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 36Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 37Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 38Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
Data Sheet
ADIS16501
USER REGISTER DEFINITIONS
analog.com
Rev. B | 35 of 45
Delta Velocity Resolution
Table 76 and Table 77 offer various numerical examples that dem-
onstrate the format of the delta velocity data in both 16-bit and
32-bit formats.
Table 76. 16-Bit Delta Velocity Data Format Examples
Velocity (m/sec)
Decimal
Hex
Binary
+125 × (215 − 1)/215
+32,767
0x7FFF
0111 1111 1111 1111
+125/214
+2
0x0002
0000 0000 0000 0010
+125/215
+1
0x0001
0000 0000 0000 0001
0
0
0x0000
0000 0000 0000 0000
−125/215
−1
0xFFFF
1111 1111 1111 1111
−125/214
−2
0xFFFE
1111 1111 1111 1110
−125
−32,768
0x8000
1000 0000 0000 0000
Table 77. 32-Bit Delta Velocity Data Format Examples
Velocity (m/sec)
Decimal
Hex
+125 × (231 − 1)/231
+2,147,483,647
0x7FFFFFFF
+125/230
+2
0x00000002
+125/231
+1
0x00000001
0
0
0x00000000
−125/231
−1
0xFFFFFFFF
−125/230
−2
0xFFFFFFFE
−125
+2,147,483,648
0x80000000
CALIBRATION
The signal chain of each inertial sensor (accelerometers and gy-
roscopes) includes the application of unique correction formulas,
which are derived from extensive characterization of bias, sensitiv-
ity, alignment, response to linear acceleration (gyroscopes), and
point of percussion (accelerometer location) over a temperature
range of −40°C to +85°C, for each ADIS16501. These correction
formulas are not accessible, but users do have the opportunity
to adjust the bias for each sensor individually through user acces-
sible registers. These correction factors follow immediately after
the factory derived correction formulas in the signal chain, which
processes at a rate of 2000 Hz when using the internal sample
clock.
Calibration, Gyroscope Bias (XG_BIAS_LOW
and XG_BIAS_HIGH)
Table 78. XG_BIAS_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x40, 0x41
0x0000
R/W
Yes
Table 79. XG_BIAS_LOW Bit Definitions
Bits
Description
[15:0]
X-axis gyroscope offset correction, lower word
Table 80. XG_BIAS_HIGH Register Definition
Addresses
Default
Access
Flash Backup
0x42, 0x43
0x0000
R/W
Yes
Table 81. XG_BIAS_HIGH Bit Definitions
Bits
Description
[15:0]
X-axis gyroscope offset correction factor, upper word
The XG_BIAS_LOW (see Table 78 and Table 79) and XG_BIAS_
HIGH (see Table 80 and Table 81) registers combine to allow
users to adjust the bias of the x-axis gyroscopes. The data format
examples in Table 14 also apply to the XG_BIAS_HIGH register,
and the data format examples in Table 15 apply to the 32-bit
combination of the XG_BIAS_LOW and XG_BIAS_HIGH registers.
See Figure 56 for an illustration of how these two registers combine
and influence the x-axis gyroscope measurements.
Figure 56. User Calibration Signal Path, Gyroscopes
Calibration, Gyroscope Bias (YG_BIAS_LOW
and YG_BIAS_HIGH)
Table 82. YG_BIAS_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x44, 0x45
0x0000
R/W
Yes
Table 83. YG_BIAS_LOW Bit Definitions
Bits
Description
[15:0]
Y-axis gyroscope offset correction, lower word
Table 84. YG_BIAS_HIGH Register Definition
Addresses
Default
Access
Flash Backup
0x46, 0x47
0x0000
R/W
Yes
Table 85. YG_BIAS_HIGH Bit Definitions
Bits
Description
[15:0]
Y-axis gyroscope offset correction factor, upper word
The YG_BIAS_LOW (see Table 82 and Table 83) and YG_BIAS_
HIGH (see Table 84 and Table 85) registers combine to allow
users to adjust the bias of the y-axis gyroscopes. The data format
examples in Table 14 also apply to the YG_BIAS_HIGH register,
and the data format examples in Table 15 apply to the 32-bit
combination of the YG_BIAS_LOW and YG_BIAS_HIGH registers.
These registers influence the y-axis gyroscope measurements in
the same manner that the XG_BIAS_LOW and XG_BIAS_HIGH
registers influence the x-axis gyroscope measurements (see Figure
56).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com