Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADIS16501-2/PCBZ Datasheet(PDF) 38 Page - Analog Devices

Part # ADIS16501-2/PCBZ
Description  Precision, MEMS IMU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16501-2/PCBZ Datasheet(HTML) 38 Page - Analog Devices

Back Button ADIS16501-2/PCBZ Datasheet HTML 34Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 35Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 36Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 37Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 38Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 39Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 40Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 41Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
Data Sheet
ADIS16501
USER REGISTER DEFINITIONS
analog.com
Rev. B | 38 of 45
Table 107. MSC_CTRL Bit Definitions (Continued)
Bits
Description
0 = burst data has gyroscope and accelerometer data.
7
Reserved
6
Point of percussion alignment. When set, this bit allows for relocation
of the acceleration sensors to a common point of percussion on the
package corner by considering angular rotations.
1 = enabled (default).
0 = disabled.
5
Reserved
4
SENS_BW. Internal sensor bandwidth.
0 = wide bandwidth (default), see Table 1.
1 = 370 Hz. The gyroscope group delay increases by 0.17 ms and
the accelerometer group delay increases by 0.63 ms in this mode.
[3:2]
SYNC mode select (see the Clock Control section for more informa-
tion).
00 = internal SYNC (default). Internal 2 kHz clock used.
01 = direct input sync mode. The user provides an external input
clock between 1900 Hz and 2100 Hz.
10 = scaled sync mode. The user provides an external input clock
between 1 Hz and 128 Hz, which upscales to 1900 Hz to 2100 Hz
inside the ADIS16501.
11 = output sync mode. Identical to internal sync mode, except the
SYNC pin functions as an output signal, indicating when the internal
clock samples sensors.
1
SYNC polarity (input or output).
1 = rising edge triggers sampling.
0 = falling edge triggers sampling (default).
0
DR polarity. This bit controls the polarity of the DR pin.
1 = active high when data is valid.
0 = active low when data is valid (default).
Point of Percussion
The MSC_CTRL register, Bit 6 (see Table 107) offers an on/off
control for the point of percussion alignment function, which maps
the accelerometer sensors to the corner of the package that is
closest to Pin A1 (see Figure 59). The factory default setting in
the MSC_CTRL register activates this function. To turn this function
off while retaining the rest of the factory default settings in the
MSC_CTRL register, set Register MSC_CTRL, Bit 6 = 0 using
the following command sequence on the DIN pin: 0xE081, then
0xE100.
Figure 59. Point of Percussion Reference Point
Sync Mode Select
Refer to the Clock Control section for the functions of the sync
mode select bits.
Sync Input Frequency Multiplier (UP_SCALE)
Table 108. UP_SCALE Register Definition
Addresses
Default
Access
Flash Backup
0x62, 0x63
0x07D0
R/W
Yes
Table 109. UP_SCALE Bit Definitions
Bits
Description
[15:0]
KECSF, binary format
Refer to the Clock Control section for the function and programming
of the UP_SCALE register.
Decimation Filter (DEC_RATE)
Table 110. DEC_RATE Register Definition
Addresses
Default
Access
Flash Backup
0x64, 0x65
0x0000
R/W
Yes
Table 111. DEC_RATE Bit Definitions
Bits
Description
[15:11]
Don’t care
[10:0]
Decimation rate, binary format, maximum = 1999
The DEC_RATE register (see Table 110 and Table 111) provides
user control for the averaging decimating filter, which averages and
decimates the gyroscope and accelerometer data. The DEC_RATE
register also extends the time that the delta angle and the delta
velocity track between each update. When the ADIS16501 operates
in internal clock mode (see Register MSC_CTRL, Bits[3:2], in Table
107), the nominal output data rate is equal to 2000/(DEC_RATE
+ 1). For example, set DEC_RATE = 0x0013 to reduce the output
sample rate to 100 SPS (2000 ÷ 20) using the following DIN pin
sequence: 0xE413, then 0xE500.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com