Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADIS16501-2/PCBZ Datasheet(PDF) 29 Page - Analog Devices

Part # ADIS16501-2/PCBZ
Description  Precision, MEMS IMU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16501-2/PCBZ Datasheet(HTML) 29 Page - Analog Devices

Back Button ADIS16501-2/PCBZ Datasheet HTML 25Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 26Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 27Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 28Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 29Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 30Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 31Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 32Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
Data Sheet
ADIS16501
USER REGISTER DEFINITIONS
analog.com
Rev. B | 29 of 45
Table 14. 16-Bit Gyroscope Data Format Examples (Continued)
Rotation Rate
Decimal
Hex
Binary
−2 KG
−2
0xFFFE
1111 1111 1111 1110
−ωMAX
−20,000
0xB1E0
1011 0001 1110 0000
Table 15. 32-Bit Gyroscope Data Format Examples
Rotation Rate (°/sec)
Decimal
Hex
+ωMAX
+1,310,720,000
0x4E200000
+KG/215
+2
0x00000002
+KG/216
+1
0x00000001
0
0
0x00000000
−KG /216
−1
0xFFFFFFFF
−KG /215
−2
0xFFFFFFFE
−ωMAX
−1,310,720,000
0xB1E00000
X-Axis Gyroscope (X_GYRO_LOW and
X_GYRO_OUT)
Table 16. X_GYRO_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x04, 0x05
Not applicable
R
No
Table 17. X_GYRO_LOW Bit Definitions
Bits
Description
[15:0]
X-axis gyroscope data, additional resolution bits
Table 18. X_GYRO_OUT Register Definition
Addresses
Default
Access
Flash Backup
0x06, 0x07
Not applicable
R
No
Table 19. X_GYRO_OUT Bit Definitions
Bits
Description
[15:0]
X-axis gyroscope data, high word, twos complement, 0°/sec =
0x0000, 1 LSB = KG (see Table 13 for KG)
The X_GYRO_LOW (see Table 16 and Table 17) and X_GYRO_
OUT (see Table 18 and Table 19) registers contain the gyroscope
data for the x-axis.
Y-Axis Gyroscope (Y_GYRO_LOW and
Y_GYRO_OUT)
Table 20. Y_GYRO_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x08, 0x09
Not applicable
R
No
Table 21. Y_GYRO_LOW Bit Definitions
Bits
Description
[15:0]
Y-axis gyroscope data, additional resolution bits
Table 22. Y_GYRO_OUT Register Definition
Addresses
Default
Access
Flash Backup
0x0A, 0x0B
Not applicable
R
No
Table 23. Y_GYRO_OUT Bit Definitions
Bits
Description
[15:0]
Y-axis gyroscope data, high word, twos complement, 0°/sec =
0x0000, 1 LSB = KG (see Table 13 for KG)
The Y_GYRO_LOW (see Table 20 and Table 21) and Y_GYRO_
OUT (see Table 22 and Table 23) registers contain the gyroscope
data for the y-axis.
Z-Axis Gyroscope (Z_GYRO_LOW and
Z_GYRO_OUT)
Table 24. Z_GYRO_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x0C, 0x0D
Not applicable
R
No
Table 25. Z_GYRO_LOW Bit Definitions
Bits
Description
[15:0]
Z-axis gyroscope data, additional resolution bits
Table 26. Z_GYRO_OUT Register Definition
Addresses
Default
Access
Flash Backup
0x0E, 0x0F
Not applicable
R
No
Table 27. Z_GYRO_OUT Bit Definitions
Bits
Description
[15:0]
Z-axis gyroscope data, high word, twos complement, 0°/sec =
0x0000, 1 LSB = KG (see Table 13 for KG)
The Z_GYRO_LOW (see Table 24 and Table 25) and Z_GYRO_
OUT (see Table 26 and Table 27) registers contain the gyroscope
data for the z-axis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com