Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6X2X Datasheet(PDF) 158 Page - Microchip Technology

Part # PIC18F6X2X
Description  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6X2X Datasheet(HTML) 158 Page - Microchip Technology

Back Button PIC18F6X2X Datasheet HTML 154Page - Microchip Technology PIC18F6X2X Datasheet HTML 155Page - Microchip Technology PIC18F6X2X Datasheet HTML 156Page - Microchip Technology PIC18F6X2X Datasheet HTML 157Page - Microchip Technology PIC18F6X2X Datasheet HTML 158Page - Microchip Technology PIC18F6X2X Datasheet HTML 159Page - Microchip Technology PIC18F6X2X Datasheet HTML 160Page - Microchip Technology PIC18F6X2X Datasheet HTML 161Page - Microchip Technology PIC18F6X2X Datasheet HTML 162Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 386 page
background image
PIC18F6X2X/8X2X
DS39612A-page 156
Advance Information
 2003 Microchip Technology Inc.
16.4
PWM Mode
In Pulse Width Modulation (PWM) mode, the CCP4 pin
produces up to a 10-bit resolution PWM output. Since
the CCP4 pin is multiplexed with the PORTG data
latch, the TRISG<3> bit must be cleared to make the
CCP4 pin an output.
Figure 16-4 shows a simplified block diagram of the
CCP module in PWM mode.
For a step-by-step procedure on how to set up the CCP
module for PWM operation, see Section 16.4.3.
FIGURE 16-4:
SIMPLIFIED PWM BLOCK
DIAGRAM
A PWM output (Figure 16-5) has a time base (period)
and a time that the output stays high (duty cycle). The
frequency of the PWM is the inverse of the period
(1/period).
FIGURE 16-5:
PWM OUTPUT
16.4.1
PWM PERIOD
The PWM period is specified by writing to the PR2
(PR4) register. The PWM period can be calculated
using the following formula:
PWM period = (PR2) + 1] • 4 • TOSC •
(TMR2 prescale value)
PWM frequency is defined as 1 / [PWM period].
When TMR2 (TMR4) is equal to PR2 (PR2), the
following three events occur on the next increment
cycle:
• TMR2 (TMR4) is cleared
• The CCP4 pin is set (exception: if PWM duty
cycle = 0%, the CCP4 pin will not be set)
• The PWM duty cycle is latched from CCPR4L into
CCPR4H
16.4.2
PWM DUTY CYCLE
The PWM duty cycle is specified by writing to the
CCPR4L register and to the CCP4CON<5:4> bits. Up
to 10-bit resolution is available. The CCPR1L contains
the eight MSbs and the CCP4CON<5:4> contains the
two LSbs. This 10-bit value is represented by
CCPR4L:CCP4CON<5:4>. The following equation is
used to calculate the PWM duty cycle in time:
PWM duty cycle
= (CCPR4L:CCP4CON<5:4>) •
TOSC • (TMR2 prescale value)
CCPR4L and CCP4CON<5:4> can be written to at any
time, but the duty cycle value is not latched into
CCPR4H until after a match between PR2 and TMR2
occurs (i.e., the period is complete). In PWM mode,
CCPR4H is a read only register.
The CCPR1H register and a 2-bit internal latch are
used to double-buffer the PWM duty cycle. This
double-buffering is essential for glitchless PWM
operation.
When the CCPR4H and 2-bit latch match TMR2, con-
catenated with an internal 2-bit Q clock or 2 bits of the
TMR2 prescaler, the CCP4 pin is cleared.
The maximum PWM resolution (bits) for a given PWM
frequency is given by the equation:
Note:
Clearing the CCP4CON register will force
the CCP4 PWM output latch to the default
low level. This is not the PORTG I/O data
latch.
CCPR4L
CCPR4H (Slave)
Comparator
TMR2
Comparator
PR2
(Note 1)
R
Q
S
Duty Cycle Registers
CCP1CON<5:4>
Clear Timer,
CCP1 pin and
latch D.C.
TRISG<3>
RG3/CCP4
Note 1: 8-bit timer TMR2 or TMR4 is concatenated with 2-bit
internal Q clock or 2 bits of the prescaler to create
10-bit time base.
Period
Duty Cycle
TMR2 = PR2
TMR2 = Duty Cycle
TMR2 = PR2
Note:
The Timer2 and Timer4 postscalers (see
Section 13.0) are not used in the determi-
nation
of
the
PWM
frequency.
The
postscaler could be used to have a servo
update rate at a different frequency than
the PWM output.
Note:
If the PWM duty cycle value is longer than
the PWM period, the CCP4 pin will not be
cleared.
FOSC
FPWM
---------------


log
2
()
log
-----------------------------bits
=
PWM Resolution (max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com