Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB96F348CSAPQC-GE2 Datasheet(PDF) 61 Page - fujitsu semiconductor

Part # MB96F348CSAPQC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPQC-GE2 Datasheet(HTML) 61 Page - fujitsu semiconductor

Back Button MB96F348CSAPQC-GE2 Datasheet HTML 57Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 58Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 59Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 60Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 61Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 62Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 63Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 64Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 65Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 159 page
background image
Preliminary Specification
MB96300
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
61
s MEMORY MAP
Peripheral
ext. bus
DMA
GPR*
Peripheral
ext. bus
internal
ROM/RAM
-Mirror
internal
RAM
RAM
external
RAM
DSU
area
external
Bus
Emulation
ROM
MB96V300
00.0000
00.00f0
00.0100
00.0180
00.0380
00.0c00
00.1200
00.8000
01.0000
02.0000
0e.0000
0f.0000
10.0000
de.0000
ff.ffff
Peripheral
ext. bus
DMA
GPR*
Peripheral
ext. bus
internal
ROM/RAM
-Mirror
internal
RAM
RAM
external
Bus
User
ROM
MB96(F)3xx
The external Bus area DMA area are only available if the device contains the corresponding resource.
Satellite Flash
Small Sectors
df.0000
Boot-ROM
0f.e000
Start address of
User ROM area and
Satellite Flash is not available on all devices
The available RAM and ROM area depends on the device configuration.
Main Flash
number of small sector
depends on the device
* Unused GPR banks can be used as RAM area.
RAMSTART**
** Please refer to the table “RAMSTART for different RAM sizes” on the next page
Sat RCB ***
Main RCB ***
*** ROM Configuration Block (RCB) must not be used for other purposes than described in the manual
df.007f
de.0000
de.002f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com