Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB96F348CSAPQC-GE2 Datasheet(PDF) 7 Page - fujitsu semiconductor

Part # MB96F348CSAPQC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPQC-GE2 Datasheet(HTML) 7 Page - fujitsu semiconductor

Back Button MB96F348CSAPQC-GE2 Datasheet HTML 3Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 4Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 5Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 6Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 7Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 8Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 9Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 10Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 11Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 159 page
background image
Preliminary Specification
MB96300
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
7
USART
10 channels
4 channels
MB96F348H/
T:
4 channels
others:
7 channels
4 channels
2 channels
5 channels
Wide range of baud rate settings using a dedicated reload timer
Special synchronous options for adapting to different synchronous serial protocols
LIN functionality working either as master or slave LIN device
I2C
2 channels
1 channel
2 channel
1 channel
1 channel
Master and Slave functionality, 8-bit and 10-bit addressing
A/D Converter
40 channels
18 channels
24 channels
15 channels
16 channels
SAR-type, 10bit resolution, signals interrupt on conversion end, single conversion mode, continuous
conversion mode, stop conversion mode, activation by software, external trigger or reload timer
A/D Converter
Reference
Voltage switch
yes
no
yes
no
no
MB96384R/Y,
MB96385R/Y:
no
others:
yes
16-bit Reload
Timer
6 channels
4 channels
4 channels
4 channels
3 channels
4 channels
Prescaler with 1/21, 1/22, 1/23, 1/24, 1/25, 1/26 of peripheral clock frequency, event count function
16-bit Free-
Running Timer
4 channels
4 channels
2 channels
2 channels
1 channel
2 channels
Signals an interrupt on overflow, supports timer clear upon match with Output Compare (0, 4), Prescaler
with 1/22, 1/24, 1/26, 1/28 of peripheral clockfrequency
I/O Timer 0 (clock input FRCK0) corresponds to ICU 0/1/2/3, OCU 0/1/2/3
I/O Timer 1 (clock input FRCK1) corresponds to ICU 4/5/6/7, OCU 4/5/6/7
I/O Timer 2 (clock input FRCK2) corresponds to ICU 8/9
I/O Timer 3 (clock input FRCK3) corresponds to ICU 10/11
16-bit Output
Compare
12 channels
6 channels
8 channels
4 channels
4 channels
Signals an interrupt when a match with 16-bit I/O Timer
A pair of compare registers can be used to generate an output signal.
16-bit Input
Capture
12 channels
12 channels
8 channels
6 channels
4 channels
8 channels
Signals an interrupt upon external event
Rising edge, falling edge or rising & falling edge sensitive
16-bit
Programmable
Pulse Generator
20 channels
20 channels
16 channels
20 channels
8 channels
16 bit down counter, cycle and duty setting registers
Interrupt at triggering, cycle or duty match
PWM operation and one-shot operation
Internal prescaler allows 1/2, 1/4, 1/8, 1/16 of peripheral clock as counter clock and Reload timer
overflow as clock input
Can be triggered by software or reload timer
Synchronous trigger of up to 4 PPG channels
Features
MB96V300
MB9632x
MB9634x
MB9635x
MB9636x
MB9638x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com