Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB96F348CSAPQC-GE2 Datasheet(PDF) 70 Page - fujitsu semiconductor

Part # MB96F348CSAPQC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPQC-GE2 Datasheet(HTML) 70 Page - fujitsu semiconductor

Back Button MB96F348CSAPQC-GE2 Datasheet HTML 66Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 67Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 68Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 69Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 70Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 71Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 72Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 73Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 74Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 159 page
background image
MB96300 Series
Preliminary Specification
70
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
0000BAH
I2C - Ten bit Address mask Register 1
Low
ITMKL1
ITMK1
RW
0000BBH
I2C - Ten bit Address mask Register 1
High
ITMKH1
RW
0000BCH
I2C - Seven bit Slave address Register 1
ISBA1
RW
0000BDH
I2C - Seven bit Address mask Register 1
ISMK1
RW
0000BEH
I2C - Data Register 1
IDAR1
RW
0000BFH
I2C - Clock Control Register 1
ICCR1
RW
0000C0H
LIN USART USART - Serial Mode
Register 0
SMR0
RW
0000C1H
LIN USART - Serial Control Register 0
SCR0
RW
0000C2H
LIN USART - TX Register 0
TDR0
W
0000C2H
LIN USART - RX Register 0
RDR0
R
0000C3H
LIN USART - Serial Status 0
SSR0
RW
0000C4H
LIN USART - Control/Com. Register 0
ECCR0
RW
0000C5H
LIN USART - Ext. Status Register 0
ESCR0
RW
0000C6H
LIN USART - Baud Rate Generator
Register 0 Low
BGRL0
BGR0
RW
0000C7H
LIN USART - Baud Rate Generator
Register 0 High
BGRH0
RW
0000CAH
LIN USART - Serial Mode Register 1
SMR1
RW
0000CBH
LIN USART - Serial Control Register 1
SCR1
RW
0000CCH
LIN USART - TX Register 1
TDR1
W
0000CCH
LIN USART - RX Register 1
RDR1
R
0000CDH
LIN USART - Serial Status 1
SSR1
RW
0000CEH
LIN USART - Control/Com. Register 1
ECCR1
RW
0000CFH
LIN USART - Ext. Status Register 1
ESCR1
RW
0000D0H
LIN USART - Baud Rate Generator
Register 1 Low
BGRL1
BGR1
RW
0000D1H
LIN USART - Baud Rate Generator
Register 1 High
BGRH1
RW
0000D4H
LIN USART - Serial Mode Register 2
SMR2
RW
Table 0-1 I/O map (8 / 53)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com