Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB96F348CSAPQC-GE2 Datasheet(PDF) 68 Page - fujitsu semiconductor

Part # MB96F348CSAPQC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPQC-GE2 Datasheet(HTML) 68 Page - fujitsu semiconductor

Back Button MB96F348CSAPQC-GE2 Datasheet HTML 64Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 65Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 66Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 67Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 68Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 69Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 70Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 71Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 72Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 159 page
background image
MB96300 Series
Preliminary Specification
68
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
000085H
PPG - Duty cycle register 1
PDUTH1
W
000086H
PPG - Control status register 1
PCNL1
PCN1
RW
000087H
PPG - Control status register 1
PCNH1
RW
000088H
PPG - Timer register 2
PTMR2
R
000089H
PPG - Timer register 2
R
00008AH
PPG - Period setting register 2
PCSR2
W
00008BH
PPG - Period setting register 2
W
00008CH
PPG - Duty cycle register 2
PDUT2
W
00008DH
PPG - Duty cycle register 2
W
00008EH
PPG - Control status register 2
PCNL2
PCN2
RW
00008FH
PPG - Control status register 2
PCNH2
RW
000090H
PPG - Timer register 3
PTMR3
R
000091H
PPG - Timer register 3
R
000092H
PPG - Period setting register 3
PCSR3
W
000093H
PPG - Period setting register 3
W
000094H
PPG - Duty cycle register 3
PDUT3
W
000095H
PPG - Duty cycle register 3
W
000096H
PPG - Control status register 3
PCNL3
PCN3
RW
000097H
PPG - Control status register 3
PCNH3
RW
000098H
PPG - General Control rgister 1 PPG 7-4
Low
GCN1L1
GCN11
RW
000099H
PPG - General Control rgister 1 PPG 7-4
High
GCN1H1
RW
00009AH
PPG - General Control rgister 2 PPG 7-4
Low
GCN2L1
GCN21
RW
00009BH
PPG - General Control rgister 2 PPG 7-4
High
GCN2H1
RW
00009CH
PPG - Timer register 4
PTMR4
R
00009DH
PPG - Timer register 4
R
00009EH
PPG - Period setting register 4
PCSR4
W
00009FH
PPG - Period setting register 4
W
Table 0-1 I/O map (6 / 53)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com