Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB96F348CSAPQC-GE2 Datasheet(PDF) 80 Page - fujitsu semiconductor

Part # MB96F348CSAPQC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPQC-GE2 Datasheet(HTML) 80 Page - fujitsu semiconductor

Back Button MB96F348CSAPQC-GE2 Datasheet HTML 76Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 77Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 78Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 79Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 80Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 81Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 82Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 83Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 84Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 159 page
background image
MB96300 Series
Preliminary Specification
80
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
0003DEH
Memory Patch function - Patch data 7
PFDL7
PFD7
RW
0003DFH
Memory Patch function - Patch data 7
PFDH7
RW
0003F1H
Flash Memory Configuration register
(Main Flash) + EVA
MFMCS
RW
0003F2H
Flash Memory Timing Configuration
register 0 (Main Flash) + EVA
MFMTCL
MFMTC
RW
0003F6H
Flash Memory Timing Configuration
register 0 (Sat Flash) + EVA
SFMTCL
SFMTC
RW
000400H
Standby Mode control register
SMCR
RW
000401H
Clock select register
CKSR
RW
000402H
Clock Stabilisation select register
CKSSR
RW
000403H
Clock monitor register
CKMR
R
000404H
Clock Frequncy control register Low
CKFCRL
CKFCR
RW
000405H
Clock Frequncy control register High
CKFCRH
RW
000406H
PLL Control register Low
PLLCRL
PLLCR
RW
000407H
PLL Control register High
PLLCRH
RW
000408H
RC clock timer control register
RCTCR
RW
000409H
Main clock timer control register
MCTCR
RW
00040AH
Sub clock timer control register
SCTCR
RW
00040BH
Reset cause and clock status register with
clear function
RCCSRC
R
00040CH
Reset configuration register
RCR
RW
00040DH
Reset cause and clock status register
RCCSR
R
00040EH
Watch dog timer configuration register
WDTC
RW
00040FH
Watch dog timer clear pattern register
WDTCP
W
000415H
Clock output activation register
COAR
RW
000416H
Clock output configuration register 0
COCR0
RW
000417H
Clock output configuration register 1
COCR1
RW
000418H
Clock Modulator control register
CMCR
RW
00041AH
Clock Modulator Parameter register Low
CMPRL
CMPR
RW
00041BH
Clock Modulator Parameter register High
CMPRH
RW
Table 0-1 I/O map (18 / 53)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com