Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB96F348CSAPQC-GE2 Datasheet(PDF) 10 Page - fujitsu semiconductor

Part # MB96F348CSAPQC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPQC-GE2 Datasheet(HTML) 10 Page - fujitsu semiconductor

Back Button MB96F348CSAPQC-GE2 Datasheet HTML 6Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 7Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 8Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 9Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 10Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 11Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 12Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 13Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 14Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 159 page
background image
MB96300 Series
Preliminary Specification
10
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
On-chip RC-
oscillator
For quick and save startup, oscillator stop detection, watchdog operation, normal clock source
2 frequencies selectable (100kHz, 2MHz)
Flash Memory
Supports automatic programming, Embedded AlgorithmTM*1
Write/Erase/Erase-Suspend/Resume commands
A flag indicating completion of the algorithm
Number of erase cycles : 10,000 times
Data retention time : 20 years
Erase can be performed on each sector individually
Sector protection
Flash Security feature to protect the content of the Flash
Low voltage detection during Flash erase
*1 : Embedded Algorithm is a trade mark of Advanced Micro Devices Inc.
Features
MB96V300
MB9632x
MB9634x
MB9635x
MB9636x
MB9638x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com