Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB96F348CSAPQC-GE2 Datasheet(PDF) 88 Page - fujitsu semiconductor

Part # MB96F348CSAPQC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPQC-GE2 Datasheet(HTML) 88 Page - fujitsu semiconductor

Back Button MB96F348CSAPQC-GE2 Datasheet HTML 84Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 85Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 86Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 87Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 88Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 89Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 90Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 91Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 92Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 159 page
background image
MB96300 Series
Preliminary Specification
88
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
0004D8H
Peripheral Resource Relocation Register
2
PRRR2
RW
0004D9H
Peripheral Resource Relocation Register
3
PRRR3
RW
0004DAH
Peripheral Resource Relocation Register
4
PRRR4
RW
0004DBH
Peripheral Resource Relocation Register
5
PRRR5
RW
0004DCH
Peripheral Resource Relocation Register
6
PRRR6
RW
0004DDH
Peripheral Resource Relocation Register
7
PRRR7
RW
0004DEH
Peripheral Resource Relocation Register
8
PRRR8
RW
0004DFH
Peripheral Resource Relocation Register
9
PRRR9
RW
0004E0H
RTC - Sub Second Register L
WTBRL0
WTBR0
RW
0004E1H
RTC - Sub Second Register M
WTBRH0
RW
0004E2H
RTC - Sub-Second Register H
WTBR1
RW
0004E3H
RTC - Second Register
WTSR
RW
0004E4H
RTC - Minutes
WTMR
RW
0004E5H
RTC - Hour
WTHR
RW
0004E6H
RTC - Timer Control Extended Register
WTCER
RW
0004E7H
RTC - Clock select register
WTCKSR
RW
0004E8H
RTC - Timer Control Register L
WTCRL
RW
0004E9H
RTC - Timer Control Register H
WTCRH
RW
0004EAH
CAL - Calibration unit Control register
CUCR
RW
0004ECH
CAL - Sub/RC-clock timer data register L
CUTDL
CUTD
RW
0004EDH
CAL - Sub/RC-clock timer data register H
CUTDH
RW
0004EEH
CAL - Main clock timer data register 2 L
CUTR2L
CUTR2
R
0004EFH
CAL - Main clock timer data register 2 H
CUTR2H
R
0004F0H
CAL - Main clock timer data register 1 L
CUTR1L
CUTR1
R
0004F1H
CAL - Main clock timer data register 1 H
CUTR1H
R
Table 0-1 I/O map (26 / 53)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com