Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB96F348CSAPQC-GE2 Datasheet(PDF) 20 Page - fujitsu semiconductor

Part # MB96F348CSAPQC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPQC-GE2 Datasheet(HTML) 20 Page - fujitsu semiconductor

Back Button MB96F348CSAPQC-GE2 Datasheet HTML 16Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 17Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 18Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 19Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 20Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 21Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 22Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 23Page - fujitsu semiconductor MB96F348CSAPQC-GE2 Datasheet HTML 24Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 159 page
background image
MB96300 Series
Preliminary Specification
20
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
36 to 37
81 to 82
83 to 84
30 to 31
P00_6 to
P00_7
H
General purpose I/O
AD06 to
AD07
External bus interface (non-
multiplexed mode) data lines
External bus interface
(multiplexed mode) address/
data lines
INT14 to
INT15
External interrupt request
input pins for INT14 to INT15
PPG10_R
to
PPG11_R
Relocated
Programmable Pulse
Generator outputs
40
83
85
32
P01_0
H
General purpose I/O
AD08
External bus interface (non-
multiplexed mode) data line
External bus interface
(multiplexed mode) address/
data line
TIN1
Reload Timer 1 event input
pin
CKOT1
Clock Output Function 1
clock output
TTG16_R
Relocated PPG16 trigger
input
41
84
86
33
P01_1
H
General purpose I/O
AD09
External bus interface (non-
multiplexed mode) data line
External bus interface
(multiplexed mode) address/
data line
TOT1
Reload Timer 1 output
CKOTX1
Clock Output Function 1
inverted Clock Output
TTG17_R
Relocated PPG17 trigger
PIN DESCRIPTION FOR MB96(F)32x, MB96(F)34x, MB96(F)35x, MB96(F)36x
Pin no.
Pin name
Circuit
type
Function
MB9632
x
MB9634x
MB9635
x
MB9636
x
LQFP80*5
LQFP100*2
QFP100*1
LQFP64*3
LQFP48*4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com