Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP88CS38BFG Datasheet(PDF) 34 Page - Toshiba Semiconductor

Part # TMP88CS38BFG
Description  CMOS 8-Bit Microcontroller
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38BFG Datasheet(HTML) 34 Page - Toshiba Semiconductor

Back Button TMP88CS38BFG Datasheet HTML 30Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 31Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 32Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 33Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 34Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 35Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 36Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 37Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 38Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 218 page
background image
TMP88CS38B/CM38B/CP38B
2007-09-12
88CS38B-34
1.6.2
Address-trap-reset
If the CPU should start looping for some cause such as noise and an attempt be made to
fetch an instruction from the on-chip RAM, DBR or the SFR area, address-trap-reset will
be generated. Then, the RESET pin output will go low. The reset time is about 8/fc to 24/fc
[s] (0.5 to 1.5
μs at 16 MHz).
Note 1:
0
≤ a ≤ 008BFH (TMP88CS38B), 0 ≤ a ≤ 006BFH (TMP88CM38B/CP38B)
0
≤ a ≤ 002BFH (The ROM corrective function is enabled.)
Note 2:
During reset release, reset vector “r” is read out, and an instruction at address “r” is fetched and decoded.
Figure 1.6.2 Address-trap-reset
1.6.3
Watchdog Timer Reset
Refer to section 2.4 “Watchdog Timer”.
1.6.4
System-clock-reset
Clearing bits 7 in SYSCR2 to “0”, system clock stops and causes the microcomputer to
deadlock. This can be prevented by automatically generating a reset signal whenever bits 7,
6 and 5 in SYSCR2
= 000 is detected to continue the oscillation. The RESET pin output
goes low from high-impedance. The reset time is about 8/fc to 24/fc [s] (0.5 to 1.5
μs at 16
MHz).
JP
a
Instruction
execution
RESET
output
Reset release
Instruction at address
Address trap is occurred
(“L” output)
8/fc to 24/fc [s]
4/fc
to
12/fc [s]
20/fc [s]
(High-Z)
(No wait)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com