Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP88CS38BFG Datasheet(PDF) 87 Page - Toshiba Semiconductor

Part # TMP88CS38BFG
Description  CMOS 8-Bit Microcontroller
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38BFG Datasheet(HTML) 87 Page - Toshiba Semiconductor

Back Button TMP88CS38BFG Datasheet HTML 83Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 84Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 85Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 86Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 87Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 88Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 89Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 90Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 91Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 218 page
background image
TMP88CS38B/CM38B/CP38B
2007-09-12
88CS38B-87
2.9.2
Control
The following registers are used for control the serial bus interface and monitor the
operation status.
•
Serial bus interface control register A (SBICRA)
•
Serial bus interface control register B (SBICRB)
•
Serial bus interface data buffer register (SBIDBR)
•
I2C bus address register (I2CAR)
•
Serial bus interface status register A (SBISRA)
•
Serial bus interface status register B (SBISRB)
•
Serial clock source control register (SCCRB)
•
Serial clock control status register (SCSR)
The above registers differ depending on a mode to be used. Refer to section 2.9.7 “I2C Bus
Mode Control” and 2.9.9 “Clocked-synchronous 8-Bit SIO Mode Control”.
2.9.3
Serial Clock Source Control
A serial bus interface circuit can reduce the power consumption by stopping a serial clock
generater.
Serial Clock Source Control Register
7
6
5
4
3
2
1
0
SCCRB
(00FF1H)
SCEN
(Initial value: 0*** ****)
SCEN
Serial clock source control
0: Do not generate source clock
1: Generate source clock
Write
only
Note:
When SCRQ and SCEN are “1”, SCEN cannot be cleared to “0”. When SCRQ is “0”, SCEN is cleared to “0”.
Serial Clock Control Status Register
7
6
5
4
3
2
1
0
SCSR
(00FF1H)
SCRQ
(Initial value: 0*** ****)
SCRQ
Serial clock source request
0: No source clock request from serial bus interface
1: Source clock request from serial bus interface
Read
only
Figure 2.9.2 Serial Clock Source
Clock generation
“1”
→ SCEN Write data except
“00” to SBIM
Write data
“00” to SBIM
“0”
→ SCEN
Source clock
SCEN
SCRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com