Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP88CS38BFG Datasheet(PDF) 14 Page - Toshiba Semiconductor

Part # TMP88CS38BFG
Description  CMOS 8-Bit Microcontroller
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38BFG Datasheet(HTML) 14 Page - Toshiba Semiconductor

Back Button TMP88CS38BFG Datasheet HTML 10Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 11Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 12Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 13Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 14Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 15Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 16Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 17Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 18Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 218 page
background image
TMP88CS38B/CM38B/CP38B
2007-09-12
88CS38B-14
1.4.4
Operating Mode Control
(1) STOP mode
STOP mode is controlled by the system control register 1 (SYSCR1) and the STOP
pin input. The STOP pin is also used both as a port P20 and an INT5 (External
interrupt input 5) pin. STOP mode is started by setting STOP (Bit7 in SYSCR1 ) to “1”.
During STOP mode, the following status is maintained.
1. Oscillations are turned off, and all internal operations are halted.
2. The data memory, registers and port output latches are all held in the status in
effect before STOP mode was entered.
3. The prescaler and the divider of the timing generator are cleared to “0”.
4. The program counter holds the address of the instruction following the instruction
which started the STOP mode.
STOP mode includes a level-sensitive release mode and an edge-sensitive release
mode, either of which can be selected with RELM (Bit6 in SYSCR1).
a. Level-sensitive release mode (RELM
= 1)
In this mode, STOP mode is released by setting the STOP pin high. This mode
is used for capacitor back up when the main power supply is cut off and long term
battery back up.
When the STOP pin input is high, executing an instruction which starts the
STOP mode will not place in STOP mode but instead will immediately start the
release sequence (Warm up). Thus, to start STOP mode in the level-sensitive
release mode, it is necessary for the program to first confirm that the STOP pin
input is low. The following method can be used for confirmation:
Using an external interrupt input INT5 ( INT5 is a falling edge-sensitive input).
Example: Starting STOP mode with an INT5 interrupt.
PINT5:
TEST
(P2). 0
;
JRS
F, SINT5
To reject noise, the STOP mode does not start
if port P20 is at high
LD
(SYSCR1), 01010000B
;
Sets up the level-sensitive release mode
SET
(SYSCR1). 7
;
Starts STOP mode
LDW
(IL), 1110011101010111B
;
IL12, 11, 7, 5, 3 ← 0 (Clears interrupt latches)
SINT5:
RETI
Note 1:
After warm up is started, when STOP pin input is changed “L” level, STOP mode is not placed.
Note 2:
When changing to the level-sensitive release mode from the edge-sensitive release mode, the release
mode is not switched until a rising edge of the STOP pin input is detected.
Figure 1.4.9 Level-sensitive Release Mode
STOP
pin
XOUT pin
NORMAL
operation
Confirm by program that the
STOP
pin input is low and
start STOP mode.
VIH
STOP mode is released by the hardware.
Always released if the STOP
pin input is high.
NORMAL
operation
STOP
operation
Warm up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com