Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP88CS38BFG Datasheet(PDF) 85 Page - Toshiba Semiconductor

Part # TMP88CS38BFG
Description  CMOS 8-Bit Microcontroller
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38BFG Datasheet(HTML) 85 Page - Toshiba Semiconductor

Back Button TMP88CS38BFG Datasheet HTML 81Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 82Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 83Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 84Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 85Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 86Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 87Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 88Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 89Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 218 page
background image
TMP88CS38B/CM38B/CP38B
2007-09-12
88CS38B-85
2.8.3
Function
The timer/counter 4 has two operating modes: timer, event counter mode.
(1) Timer mode
In this mode, the internal clock is used for counting up. The contents of TC4DR are
compared with the contents of up counter. If a match is found, an INTTC4 interrupt is
generated and the up counter is cleared to “0”. Counting up resumes after the up
counter is cleared.
Table 2.8.1 Source Clock (Internal clock) for Timer/Counter 4 (Example: at fc
= 16.0 MHz)
NORMAL, IDLE mode
DV1CK
= 0
DV1CK
= 1
TC4CK
Resolution [
μs]
Maximum Setting
Time [ms]
Resolution [
μs]
Maximum Setting
Time [ms]
000
128.0
32.6
256.0
65.3
001
8.0
2.0
16.0
4.1
010
2.0
0.510
4.0
1.0
100
0.5
0.128
1.0
0.255
(2) Event counter mode
In this mode, the TC4 pin input (External clock) pulse is used for counting up. Either
the rising or falling edge can be selected with TC4ES (Bit1 PMPXCR). The contents of
TC4DR are compared with the contents of the up counter. If a match is found, an
INTTC4 interrupt is generated and the counter is cleared. The maximum applied
frequency is shown Table 2.8.2. Two or more machine cycles are required for both the
high and low level of the pulse width.
Note:
The event counter mode can only be used in NORMAL or IDLE mode.
Table 2.8.2 Timer/Counter 4 External Clock Source
Minimum Input Pulse Width [s]
NORMAL1, IDLE1 Mode
“H” Width
2
3/fc
“L” Width
2
3/fc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com