Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP88CS38BFG Datasheet(PDF) 78 Page - Toshiba Semiconductor

Part # TMP88CS38BFG
Description  CMOS 8-Bit Microcontroller
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38BFG Datasheet(HTML) 78 Page - Toshiba Semiconductor

Back Button TMP88CS38BFG Datasheet HTML 74Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 75Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 76Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 77Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 78Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 79Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 80Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 81Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 82Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 218 page
background image
TMP88CS38B/CM38B/CP38B
2007-09-12
88CS38B-78
Figure 2.7.4 Event Counter Mode Timing Chart
(3) Capture mode
In this mode, the pulse width, period and duty of the TC3 pin input are measured in
this mode, which can be used in decoding the remote control signals or distinguishing
AC 50/60 Hz, etc. The TC3 pin input can have its polarity changed between normal and
inverse by using the TC3ES Register.
a. If TC3ES
= “0” (Non-inverting input)
Once command operation has started, the counter free-runs on an internal
source clock.
When the falling edge of the TC3 pin input is detected, the counter value is
loaded into TC3DRB. When the rising edge is detected, the counter value is loaded
into TC3DRA, and the counter is cleared, generating an INTTC3 interrupt.
If the rising edge is detected right after command operation has started, no
capture to TC3DRB and an INTTC3 interrupt occurs only on capture to TC3DRA.
If a read instruction is executed for TC3DRB, the value that exists at the end of
the previous capture (immediately after a reset, “FF”) is read.
b. If TC3ES
= “1” (Inverse input)
Once command operation has started, the counter free-runs on an internal
clock.
When the rising edge of the TC3 pin input is detected, the counter value is
loaded into TC3DRB. When the falling edge is detected, the counter value is
loaded into TC3DRA, and the counter is cleared, generating an INTTC3 interrupt.
If the falling edge is detected right after command operation has started, the
counter value is not captured into TC3DRB and an INTTC3 interrupt occurs only
on capture to TC3DRA. If a read instruction is executed for TC3DRB, the value
that exists at end of the previous capture (immediately after a reset, “FF”) is read.
The minimum acceptable input pulse width is equal to the length of one source
clock period selected by TC3CR <TC3CK>.
Table 2.7.3 TC3INV-based Capture Input Edges
TC3ES
Capture into TC3DRB
Capture into TC3DRA
INTTC3 Interrupt
“0”
(Non-inverting input)
Falling edge
Rising edge
“1”
(Inverting input)
Rising edge
Falling edge
Note:
Capture of the TC3 pin input requires at least 1 cycle of the selected source clock.
1
2
3
1
2
3
n
Timer register
INTTC3 interrupt
TC3 pin input
Up counter
0
n
Match detect
Counter clear
Count start
0
n
− 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com