Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP88CS38BFG Datasheet(PDF) 103 Page - Toshiba Semiconductor

Part # TMP88CS38BFG
Description  CMOS 8-Bit Microcontroller
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38BFG Datasheet(HTML) 103 Page - Toshiba Semiconductor

Back Button TMP88CS38BFG Datasheet HTML 99Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 100Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 101Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 102Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 103Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 104Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 105Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 106Page - Toshiba Semiconductor TMP88CS38BFG Datasheet HTML 107Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 218 page
background image
TMP88CS38B/CM38B/CP38B
2007-09-12
88CS38B-103
Serial Bus Interface Status Register A
7
6
5
4
3
2
1
0
SBISRA
(00020H)
SWR
MON
(Initial value: **** ***1)
SWRMON
Software reset monitor
0: During software reset
1:
− (Initial)
Read
only
Serial Bus Interface Status Register B
7
6
5
4
3
2
1
0
SBISRB
(00023H)
“1”
“1”
“1”
“1”
SIOF
SEF
“1”
“1”
SIOF
Serial transfer operating status
monitor
0: Transfer terminated
1: Transfer in process
SEF
Shift operating status monitor
0: Shift operation terminated
1: Shift operation in process
Read
only
Note:
Set bit7 to 4, bit1 and bit0 in SBISRB to “1”.
Figure 2.9.20 Control Register/Data Buffer Register/Status Register in SIO Mode (2)
(1) Serial clock
a. Clock source
The SCK (Bits 2 to 0 in SBICRA) is used to select the following functions.
1. Internal clock
In an internal clock mode, any of seven frequencies can be selected. The serial
clock is output to the outside on the SCK pin. The SCK pin becomes a high level
when data transfer starts. When writing (in the transmit mode) or reading (in the
receive mode) data cannot follow the serial clock rate, an automatic-wait function
is executed to stop the serial clock automatically and hold the next shift operation
until reading or writing is complete.
Figure 2.9.21 Automatic-wait Function
2. External (SCK
= “111”)
An external clock supplied to the SCK pin is used as the serial clock. In order to
ensure shift operation, a pulse width of at least 2-machine cycles is required for
both high and low levels in the serial clock. The maximum data transfer frequency
is 1MHz (fc
= 16.0 MHz).
Figure 2.9.22 The Maximum Data Transfer Frequency in The External Clock Input
c2
c1
c0
b7
b6
b5
b0
a6
a7
a2 a5
a1
a0
Automatic-wait function
SCK
pin output
SO pin output
Write transmitted data
1
2
3
7
8
1
2
6
7
8
1
2
3
c
b
a
b1 b4
SCK
pin
tSCKL tSCKH
tSCKL, tSCKH > 2 tcyc
Note: tcyc
= 4/fc (in NORMAL mode, IDLE mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com