Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29GL01GS10DFIV13 Datasheet(PDF) 30 Page - Cypress Semiconductor

Part # S29GL01GS10DFIV13
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS10DFIV13 Datasheet(HTML) 30 Page - Cypress Semiconductor

Back Button S29GL01GS10DFIV13 Datasheet HTML 26Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 27Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 28Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 29Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 30Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 31Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 32Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 33Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 34Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 30 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
5.4.5
Erase Suspend / Erase Resume
The Erase Suspend command allows the system to interrupt a sector erase operation and then read data from, or program data to,
the main flash array. This command is valid only during sector erase or program operation. The Erase Suspend command is ignored
if written during the chip erase operation.
When the Erase Suspend command is written during the sector erase operation, the device requires a maximum of tESL (erase
suspend latency) to suspend the erase operation and update the status bits.
After the erase operation has been suspended, the part enters the erase-suspend mode. The system can read data from or program
data to the main flash array. Reading at any address within erase-suspended sectors produces undetermined data. The system can
determine if a sector is actively erasing or is erase-suspended by reading the Status Register or using Data Polling. Refer to Status
Register on page 34 for information on these status bits. Refer to Data Polling Status on page 35 for more information.
After an erase-suspended program operation is complete, the EAC returns to the erase-suspend state. The system can determine
the status of the program operation by reading the Status Register, just as in the standard program operation.
If a program failure occurs during erase suspend the Clear or Reset commands will return the device to the erase suspended state.
Erase will need to be resumed and completed before again trying to program the memory array.
Accesses and commands that are valid during Erase Suspend are:
Read to any other non-suspended sector
Program to any other non-suspended sector
Status Register Read
Status Register Clear
Enter DYB ASO
DYB Set
DYB Clear
DYB Status Read
Exit ASO or Command Set Exit
Erase Resume command
To resume the sector erase operation, the system must write the Erase Resume command. The device will revert to erasing and the
status bits will be updated. Further writes of the Resume command are ignored. Another Erase Suspend command can be written
after the chip has resumed erasing.
Erase suspend and resume is not supported while entered in an ASO. While in erase suspend entry into ASO is not supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com