Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29GL01GS10DFIV13 Datasheet(PDF) 67 Page - Cypress Semiconductor

Part # S29GL01GS10DFIV13
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS10DFIV13 Datasheet(HTML) 67 Page - Cypress Semiconductor

Back Button S29GL01GS10DFIV13 Datasheet HTML 63Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 64Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 65Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 66Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 67Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 68Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 69Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 70Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 71Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 67 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
9.3
Power Conservation Modes
9.3.1
Interface Standby
Standby is the default, low power, state for the interface while the device is not selected by the host for data transfer (CE# = High).
All inputs are ignored in this state and all outputs except RY/BY# are high impedance. RY/BY# is a direct output of the EAC, not
controlled by the Host Interface.
9.3.2
Automatic Sleep
The automatic sleep mode reduces device interface energy consumption to the sleep level (ICC6) following the completion of a
random read access time. The device automatically enables this mode when addresses remain stable for tACC + 30 ns. While in
sleep mode, output data is latched and always available to the system. Output of the data depends on the level of the OE# signal
but, the automatic sleep mode current is independent of the OE# signal level. Standard address access timings (tACC or tPACC)
provide new data when addresses are changed. ICC6 in DC Characteristics on page 72 represents the automatic sleep mode current
specification.
Automatic sleep helps reduce current consumption especially when the host system clock is slowed for power reduction. During
slow system clock periods, read and write cycles may extend many times their length versus when the system is operating at high
speed. Even though CE# may be Low throughout these extended data transfer cycles, the memory device host interface will go to
the Automatic Sleep current at tACC + 30 ns. The device will remain at the Automatic Sleep current for tASSB. Then the device will
transition to the standby current level. This keeps the memory at the Automatic Sleep or standby power level for most of the long
duration data transfer cycles, rather than consuming full read power all the time that the memory device is selected by the host
system.
However, the EAC operates independent of the automatic sleep mode of the host interface and will continue to draw current during
an active Embedded Algorithm. Only when both the host interface and EAC are in their standby states is the standby level current
achieved.
9.4
Read
9.4.1
Read With Output Disable
When the CE# signal is asserted Low, the host system memory controller begins a read or write data transfer. Often there is a period
at the beginning of a data transfer when CE# is Low, Address is valid, OE# is High, and WE# is High. During this state a read access
is assumed and the Random Read process is started while the data outputs remain at high impedance. If the OE# signal goes Low,
the interface transitions to the Random Read state, with data outputs actively driven. If the WE# signal is asserted Low, the interface
transitions to the Write state. Note, OE# and WE# should never be Low at the same time to ensure no data bus contention between
the host system and memory.
9.4.2
Random (Asynchronous) Read
When the host system interface selects the memory device by driving CE# Low, the device interface leaves the Standby state. If
WE# is High when CE# goes Low, a random read access is started. The data output depends on the address map mode and the
address provided at the time the read access is started.
The data appears on DQ15-DQ0 when CE# is Low, OE# is Low, WE# remains High, address remains stable, and the asynchronous
access times are satisfied. Address access time (tACC) is equal to the delay from stable addresses to valid output data. The chip
enable access time (tCE) is the delay from stable CE# to valid data at the outputs. In order for the read data to be driven on to the
data outputs the OE# signal must be Low at least the output enable time (tOE) before valid data is available.
At the completion of the random access time from CE# active (tCE), address stable (tACC), or OE# active (tOE), whichever occurs
latest, the data outputs will provide valid read data from the currently active address map mode. If CE# remains Low and any of the
AMAX to A4 address signals change to a new value, a new random read access begins. If CE# remains Low and OE# goes High the
interface transitions to the Read with Output Disable state. If CE# remains Low, OE# goes High, and WE# goes Low, the interface
transitions to the Write state. If CE# returns High, the interface goes to the Standby state. Back to Back accesses, in which CE#
remains Low between accesses, requires an address change to initiate the second access. See Asynchronous Read Operations
on page 78.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com