Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29GL01GS10DFIV13 Datasheet(PDF) 31 Page - Cypress Semiconductor

Part # S29GL01GS10DFIV13
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS10DFIV13 Datasheet(HTML) 31 Page - Cypress Semiconductor

Back Button S29GL01GS10DFIV13 Datasheet HTML 27Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 28Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 29Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 30Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 31Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 32Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 33Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 34Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 35Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 31 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
5.4.6
ASO Entry and Exit
5.4.6.1
ID-CFI ASO
The system can access the ID-CFI ASO by issuing the ID-CFI Entry command sequence during Read Mode. This entry command
uses the Sector Address (SA) in the command to determine which sector will be overlaid and which sector's protection state is
reported in word location 2h. See the detail description Table7.2 onpage58.
The ID-CFI ASO allows the following activities:
Read ID-CFI ASO, using the same SA as used in the entry command.
Read Sector Protection State at Sector Address (SA) + 2h. Location 2h provides volatile information on the current state of
sector protection for the sector addressed. Bit 0 of the word at location 2h shows the logical NAND of the PPB and DYB bits
related to the addressed sector such that if the sector is protected by either the PPB=0 or the DYB=0 bit for that sector the
state shown is protected. (1= Sector protected, 0= Sector unprotected). This protection state is shown only for the SA
selected when entering ID-CFI ASO. Reading other SA provides undefined data. To read a different SA protection state
ASO exit command must be used and then enter ID-CFI ASO again with the new SA.
ASO Exit.
The following is a C source code example of using the CFI Entry and Exit functions. Refer to the Cypress Low Level Driver User's
Guide
(available on www.cypress.com) for general information on Cypress flash memory software development guidelines.
/* Example: CFI Entry command */
*( (UINT16 *)base_addr + 0x55 ) = 0x0098; /* write CFI entry command */
/* Example: CFI Exit command */
*( (UINT16 *)base_addr + 0x000 ) = 0x00F0; /* write cfi exit command */
5.4.6.2
Status Register ASO
The Status Register ASO contains a single word of registered volatile status for Embedded Algorithms. When the Status Register
read command is issued, the current status is captured (by the rising edge of WE#) into the register and the ASO is entered. The
Status Register content appears on all word locations. The first read access exits the Status Register ASO (with the rising edge of
CE# or OE#) and returns to the address space map in use when the Status Register read command was issued. Write commands
will not exit the Status Register ASO state.
5.4.6.3
Secure Silicon Region ASO
The system can access the Secure Silicon Region by issuing the Secure Silicon Region Entry command sequence during Read
Mode. This entry command uses the Sector Address (SA) in the command to determine which sector will be overlaid.
The Secure Silicon Region ASO allows the following activities:
Read Secure Silicon Regions.
Programming the customer Secure Silicon Region is allowed using the Word or Write Buffer Programming commands.
ASO Exit using legacy Secure Silicon Exit command for backward software compatibility.
ASO Exit using the common exit command for all ASO - alternative for a consistent exit method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com