Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29GL01GS10DFIV13 Datasheet(PDF) 63 Page - Cypress Semiconductor

Part # S29GL01GS10DFIV13
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS10DFIV13 Datasheet(HTML) 63 Page - Cypress Semiconductor

Back Button S29GL01GS10DFIV13 Datasheet HTML 59Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 60Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 61Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 62Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 63Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 64Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 65Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 66Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 67Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 63 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
7.3
Device ID and Common Flash Interface (ID-CFI) ASO Map
(SA) + 0054h
0005h
Page Size = 2N bytes
(SA) + 0055h
0006h
Erase Suspend Timeout Maximum < 2N (µs)
(SA) + 0056h
0006h
Program Suspend Timeout Maximum < 2N (µs)
(SA) + 0057h
to
(SA) + 0077h
FFFFh
Reserved
(SA) + 0078h
0006h
Embedded Hardware Reset Timeout Maximum < 2N (µs)
Reset with Reset Pin
(SA) + 0079h
0009h
Non-Embedded Hardware Reset Timeout Maximum < 2N (µs)
Power on Reset
Table 7.7 Device ID and Common Flash Interface (ID-CFI) ASO Map
Word Address
Data Field
# of bytes
Data Format
Example of
Actual Data
Hex Read Out of Example Data
(SA) + 0080h
Size of Electronic Marking
1
Hex
19
0013h
(SA) + 0081h
Revision of Electronic Marking
1
Hex
1
0001h
(SA) + 0082h
Fab Lot #
7
Ascii
LD87270
004Ch, 0044h, 0038h, 0037h,
0032h, 0037h, 0030h
(SA) + 0089h
Wafer #
1
Hex
23
0017h
(SA) + 008Ah
Die X Coordinate
1
Hex
10
000Ah
(SA) + 008Bh
Die Y Coordinate
1
Hex
15
000Fh
(SA) + 008Ch
Class Lot#
7
Ascii
BR33150
0042h, 0052h, 0033h, 0033h, 0031h,
0035h, 0030h
(SA) + 0093h
Reserved for Future
13
n/a
n/a
undefined
Fab Lot # + Wafer # + Die X Coordinate + Die Y Coordinate gives a unique ID for each device.
Table 7.6 CFI Primary Vendor-Specific Extended Query (Continued)
Word Address
Data
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com