Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E-TDA7514 Datasheet(PDF) 7 Page - STMicroelectronics

Part # E-TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-TDA7514 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button E-TDA7514 Datasheet HTML 3Page - STMicroelectronics E-TDA7514 Datasheet HTML 4Page - STMicroelectronics E-TDA7514 Datasheet HTML 5Page - STMicroelectronics E-TDA7514 Datasheet HTML 6Page - STMicroelectronics E-TDA7514 Datasheet HTML 7Page - STMicroelectronics E-TDA7514 Datasheet HTML 8Page - STMicroelectronics E-TDA7514 Datasheet HTML 9Page - STMicroelectronics E-TDA7514 Datasheet HTML 10Page - STMicroelectronics E-TDA7514 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 74 page
background image
7/74
TDA7514
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
FMIF1AMP1 and FMIF1AMP2
Gv1min
AMP1 Minimum Gain
Source and load impedance:
330ohm.
19
dB
Gv1max
AMP1 Maximum Gain
Source and load impedance:
330ohm.
25
dB
IIP3a1
AMP1 input-referred IP3
TBD
dB
µV
Rin1
Input Impedance of AMP1
330
Ω
Rout1
Output Impedance of AMP1
330
Ω
Gv2min
AMP2 Minimum Gain
Source and load impedance:
330ohm.
7dB
Gv2max
AMP2 Maximum Gain
Source and load impedance:
330ohm.
15
dB
IIP3a2
AMP2 input-referred IP3
TBD
dB
µV
Rin2
Input Impedance of AMP2
330
Ω
Rout2
Output Impedance of AMP2
330
Ω
FMMIXER2 (output not accessible)
Gvmix2
Gain (Single-ended output)
Source impedance: 330ohm.
12.3
dB
Rinmix2
Input Impedance
330
Ω
FMLIMITER (450KHz) (output not accessible)
Gvlim
Gain (To Demod_IN from
FMMIXER2out+)
TBD
dB
FM Filtered Smeter (Mod:off , Slider: 0)
VFSM1
Filtered Smeter1
@FMMIX2IN=50dBµV
1.44
V
VFSM2
Filtered Smeter2
@FMMIX2IN=70dBµV
2.47
V
VFSM3
Filtered Smeter3
@FMMIX2IN=90dBµV
3.96
V
FSMR1
Filtered Smeter resistor
T16<5>= 0
200
k
Ω
FSMR2
Filtered Smeter resistor
T16<5>= 1
21
M
Ω
CLVFSM
Clamped voltage
5
V
TCsm1
Time constant1
T16<5>= 0
10
ms
TCsm2
Time constant2
T16<5>= 1
0.9
s
FM Smeter Slider
SLSTEP
Slider step
38
mV
SLMAX
Maximum Slider
@VFSM=2.6V
1.16
V
SLMIN
Minimum Slider
@VFSM=2.6V
-1.18
V
ISS (Intelligent Selectivity System) Filter
Fcenter
Center Frequency
450
kHz
Table 3. (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com