Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E-TDA7514 Datasheet(PDF) 33 Page - STMicroelectronics

Part # E-TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-TDA7514 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button E-TDA7514 Datasheet HTML 29Page - STMicroelectronics E-TDA7514 Datasheet HTML 30Page - STMicroelectronics E-TDA7514 Datasheet HTML 31Page - STMicroelectronics E-TDA7514 Datasheet HTML 32Page - STMicroelectronics E-TDA7514 Datasheet HTML 33Page - STMicroelectronics E-TDA7514 Datasheet HTML 34Page - STMicroelectronics E-TDA7514 Datasheet HTML 35Page - STMicroelectronics E-TDA7514 Datasheet HTML 36Page - STMicroelectronics E-TDA7514 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 74 page
background image
33/74
TDA7514
Table 22. SUBADDRESS 7: AM WAGC Starting point, FM VCO divider
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
AM Wide AGC Threshold
@AMMIX1in
@SG
0
0
0
0
0
88.0
88.0
0
0
0
0
1
90.7
90.7
0
0
0
1
0
92.7
92.7
0
0
0
1
1
94.4
94.4
0
0
1
0
0
95.5
95.5
0
0
1
0
1
96.6
96.6
0
0
1
1
0
97.6
97.6
0
0
1
1
1
98.4
98.4
0
1
0
0
0
99.2
99.2
0
1
0
0
1
99.9
99.9
0
1
0
1
0
100.6
100.6
0
1
0
1
1
101.2
101.2
0
1
1
0
0
101.7
101.7
0
1
1
0
1
102.2
102.2
0
1
1
1
0
102.7
102.7
0
1
1
1
1
103.1
103.1
1
0
0
0
0
103.6
103.6
1
0
0
0
1
104.0
104.0
1
0
0
1
0
104.4
104.4
1
0
0
1
1
104.8
104.8
1
0
1
0
0
105.1
105.1
1
0
1
0
1
105.5
105.5
1
0
1
1
0
105.8
105.8
1
0
1
1
1
106.1
106.1
1
1
0
0
0
106.4
106.4
1
1
0
0
1
106.7
106.7
1
1
0
1
1
106.9
106.9
1
1
0
1
0
107.2
107.2
1
1
1
0
0
107.5
107.5
1
1
1
0
1
107.7
107.7
1
1
1
1
0
107.9
107.9
1
1
1
1
1
108.1
108.1
FM VCO divider control
0
0
all off
0
1
divide by 2
1
0
divide by 3
1
1
divide by 3
0
phase (I) = -90°
≥ high side conversion
1
phase (I) = +90°
≥ low side conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com