Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E-TDA7514 Datasheet(PDF) 38 Page - STMicroelectronics

Part # E-TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-TDA7514 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button E-TDA7514 Datasheet HTML 34Page - STMicroelectronics E-TDA7514 Datasheet HTML 35Page - STMicroelectronics E-TDA7514 Datasheet HTML 36Page - STMicroelectronics E-TDA7514 Datasheet HTML 37Page - STMicroelectronics E-TDA7514 Datasheet HTML 38Page - STMicroelectronics E-TDA7514 Datasheet HTML 39Page - STMicroelectronics E-TDA7514 Datasheet HTML 40Page - STMicroelectronics E-TDA7514 Datasheet HTML 41Page - STMicroelectronics E-TDA7514 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 74 page
background image
TDA7514
38/74
Table 30. SUBADDRESS 15: Quality detection: gain and offset on FSmeter (SNC), multipath
detector rectifier gain
Table 31. SUBADDRESS 16: Quality Detection: Adjacent channel detector, HCC source, Quality
fast test, Quality AF check, ISS filter test
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
FSmeter gain (SNC)
00
00
0 dB
-
-
-
-
(step = 0.15)
1
1
1
1
2.25 dB
FSmeter offset (SNC)
0
1.8 V
1
2.4 V
Multipath detector rectifier gain
00
0
5 dB
-
-
-
(step = 1.2dB)
1
1
1
+13.4 dB
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Qual adjacent channel detector rectifier gain
0
0
12 dB
0
1
17.3 dB
1
0
18.4 dB
1
1
20 dB
High cut control source
0SNC
1
FSmeter
Quality filters fast test mode
0
Test mode off
1
Test mode on
filt Smeter tau = 100 us
SNC filt internal 22 pF
Quality filters AF check freeze mode
0
AF check off
1
AF check on
filt Smeter tau = 100 us
60ms/1s Smeter filt freeze
MPath filt for StBlend freeze
USN filt for StBlend/AdjChMute freeze
Smeter filter time constant
01 s
1
10 ms
ISS filter test
ISS filter input
0std
1
filter in connected to Smeter test MUXer
ISS filter clock enable
0
clock off (test mode)
1
clock on (std)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com