Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E-TDA7514 Datasheet(PDF) 5 Page - STMicroelectronics

Part # E-TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-TDA7514 Datasheet(HTML) 5 Page - STMicroelectronics

  E-TDA7514 Datasheet HTML 1Page - STMicroelectronics E-TDA7514 Datasheet HTML 2Page - STMicroelectronics E-TDA7514 Datasheet HTML 3Page - STMicroelectronics E-TDA7514 Datasheet HTML 4Page - STMicroelectronics E-TDA7514 Datasheet HTML 5Page - STMicroelectronics E-TDA7514 Datasheet HTML 6Page - STMicroelectronics E-TDA7514 Datasheet HTML 7Page - STMicroelectronics E-TDA7514 Datasheet HTML 8Page - STMicroelectronics E-TDA7514 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 74 page
background image
5/74
TDA7514
3
ELECTRICAL CHARACTERISTCS
3.1 FM
(Vcc = 8.5V; Tamb= 25°C; Vant,in= 60dBµload; fc=98.1MHz; fdev = 40kHz; fmod=1KHz; IF1amp1=25dB;
IF1amp2=15dB; Filter @TUNEROUT:IEC_TUNER+Deemphasis=50
µs, unless otherwise specified)
Table 3.
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
General (measured at audioprocessor output with de-emphasis and high cut active, ISS set to 80 KHz BW)
US
Usable sensitivity
S/N=40dB
0
dB
µVload
SNR
Signal to Noise ratio
65
dB
LS
Limiting Sensitivity
-3dB_point, SoftMute Off
-2.5
dB
µVload
THD
Total Harmonic Distortion
fdev = 40kHz
0.26
%
fdev = 75kHz
0.36
%
Vout
Output Level
@TUNEROUT
243
mVrms
ISN
Interstation Noise
Delta Vout@RF OFF, Soft
Mute OFF
-8.5
dB
IFCS
IF Counter Sensitivity
0
dB
µVload
Icctun
DC Supply Current@TUNVCC
80
mA
Iccmix1
DC Supply Current@IFT1
5
mA
Iccif1
DC Supply Current@IF1VCC
10
mA
Iccosc
DC Supply Current@OSCVCC
10
mA
Iccpll
DC Supply Current@PLLVCC
3
mA
Iccdig
DC Supply Current@DIGVCC
7
mA
IQ Mixer 1
RIN
Input Resistance
Differential
6
k
Ω
VIN
Input DC Bias
@pin 8, pin 10
2.3
V
Gm
Transconductance
17
mS
IIP3
Input IP3
108
dB
µV
IQG
IQ Gain Adjustment
-1
+1
%
IQP
IQ Phase Adjustment
-7
+8
°C
IRR
Image Rejection Ratio
without adjustment
30
dB
adjusted
42
dB
Gvmix1
Gain
from input (single-ended) to
IFT1 out differential
22
dB
IFT1 Adjustment
Cift1min
IFT1 Adjustment Capacitor
Minimum
Between MIX1OUT+ and
MIX1OUT-
2.3
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com