Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E-TDA7514 Datasheet(PDF) 17 Page - STMicroelectronics

Part # E-TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-TDA7514 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button E-TDA7514 Datasheet HTML 13Page - STMicroelectronics E-TDA7514 Datasheet HTML 14Page - STMicroelectronics E-TDA7514 Datasheet HTML 15Page - STMicroelectronics E-TDA7514 Datasheet HTML 16Page - STMicroelectronics E-TDA7514 Datasheet HTML 17Page - STMicroelectronics E-TDA7514 Datasheet HTML 18Page - STMicroelectronics E-TDA7514 Datasheet HTML 19Page - STMicroelectronics E-TDA7514 Datasheet HTML 20Page - STMicroelectronics E-TDA7514 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 74 page
background image
17/74
TDA7514
3.4 STEREODECODER
Standard Conditions, unless otherwise indicated:
FM: Input at #TUNER_IN = 1 kHz at 450 mVrms, Input Gain setting = 0.5 dB, Deemphasis = 75
µs, Roll
Off Compensation set to give maximum stereo separation (note that this varies with VSBL setting)
AM: Input at #TUNER_IN = 1 kHz at 1 Vrms, Input Gain setting = 0.5 dB
Table 6.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIN
MPX Input Level
Input Gain = 3.5dB
0.5
1.25
VRMS
Rin
Input Resistance (TUNERIN)
FM
70
100
130
k
Ω
AM
30
k
Ω
Gain
Minimum Input Gain
0.5
dB
Gmax
Maximum Input Gain
5.75
dB
GSTEP
Step Resolution
1.75
dB
a
Max Channel Separation
30
50
dB
SVRR
Supply Voltage Ripple
Rejection
Vripple=100mV, f=1kHz
35
55
dB
THD
Total Harmonic Distortion
fin=1kHz, mono
0.02
0.3
%
S+N
N
Signal plus Noise to Noise
Ratio
A-weighted, S=2Vrms
80
91
dB
MONO/STEREO SWITCH (With InGain=5.75dB)
VPTHST1
Pilot Threshold Voltage
for Stereo, PTH=1
10
15
25
mV
VPTHST0
Pilot Threshold Voltage
for Stereo, PTH=0
15
25
35
mV
VPTHMO1
Pilot Threshold Voltage
for Mono, PTH=1
7
12
17
mV
VPTHMO0
Pilot Threshold Voltage
for Mono, PTH=0
10
19
25
mV
PLL
∆f/f
Capture Range
0.5
%
DEEMPHASIS & HIGHCUT
τDeempFM
Deemphasis Time Constants
FM; VLEVEL >> VHCH
Deemphasis=50
µs, FM
25
50
75
µs
Deemphasis=75
µs, FM
50
75
100
µs
τDeempAM
Deemphasis Time Constants
AM; VLEVEL >> VHCH
Deemphasis=50
µs, AM
22.3
kHz
Deemphasis=75
µs, AM
14.9
kHz
REF5V
Internal Reference Voltage
4.7
5
5.3
V
Carrier and Harmonic suppresion at output
α19
Pilot Signal
f=19kHz, Deemphasis=75
µs40
50
dB
α38
Subcarrier
f=38kHz, Deemphasis=75
µs75
dB
α57
Subcarrier
f=57kHz, Deemphasis=75
µs62
dB
α76
Subcarrier
f=76kHz, Deemphasis=75
µs90
dB
Intermodulation
α2
fmod=10kHz, fspur=1kHz
65
dB
α3
fmod=13kHz, fspur=1kHz
75
dB
Traffic Radio
α57
Signal
f = 57kHz
70
dB
SCA – Subsidiary Communication Authorization
α67
Signal
f = 67kHz
75
dB
ACI – Adjacent Channel Interference
α114
Signal
f = 114kHz
95
dB
α190
Signal
f = 190kHz
84
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com