Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E-TDA7514 Datasheet(PDF) 23 Page - STMicroelectronics

Part # E-TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-TDA7514 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button E-TDA7514 Datasheet HTML 19Page - STMicroelectronics E-TDA7514 Datasheet HTML 20Page - STMicroelectronics E-TDA7514 Datasheet HTML 21Page - STMicroelectronics E-TDA7514 Datasheet HTML 22Page - STMicroelectronics E-TDA7514 Datasheet HTML 23Page - STMicroelectronics E-TDA7514 Datasheet HTML 24Page - STMicroelectronics E-TDA7514 Datasheet HTML 25Page - STMicroelectronics E-TDA7514 Datasheet HTML 26Page - STMicroelectronics E-TDA7514 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 74 page
background image
23/74
TDA7514
3.6 AUDIO PROCESSOR
(VS = 8.5V; Tamb= 25°C; RL= 10kΩ ; all gains = 0dB; f = 1kHz; unless otherwise specified)
Table 9.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
INPUT SELECTOR
Rin
Input Resistance
All single ended inputs
70
100
130
k
Ω
VCL
Clipping level
2
VRMS
SIN
Input Separation
80
100
dB
GIN MIN
Min. Input Gain
-1
0
+1
dB
GIN MAX
Max. Input Gain
13
15
17
dB
GSTEP
Step Resolution
0.5
1
1.5
dB
VDC
DC Steps
Adjacent Gain Steps
-5
1
5
mV
GMIN to GMAX
-10
6
10
mV
Voffset
Remaining offset with AutoZero
0.5
mV
QUASI DIFFERENTIAL STEREO INPUT
Rin
Input Resistance
all inputs to ground
70
100
130
k
Ω
GQD
Gain
-4
dB
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
CMRR
Common Mode Rejection Ratio
VCM=1 VRMS@ 1kHz
46
70
dB
VCM=1 VRMS@ 10kHz
46
60
dB
eNO
Output Noise @ Speaker
Outputs
20Hz-20kHz,flat;
all stages 0dB
20
µV
SINGLE-ENDED STEREO INPUT
Rin
Input Resistance
70
100
130
k
Ω
GQD
Gain
0dB
eNO
Output Noise @ Speaker
Outputs
20Hz-20kHz,flat;
all stages 0dB
TBD
µV
DIFFERENTIAL MONO INPUT
Rin
Input Resistance
Differential
40
56
72
k
Ω
GMD
Gain
-4
dB
CMRR
Common Mode Rejection Ratio
VCM=1 VRMS@ 1kHz
40
70
dB
VCM=1 VRMS@ 10kHz
40
60
dB
eNO
Output Noise @ Speaker
Outputs
20Hz-20kHz,flat;
all stages 0dB
TBD
µV
BEEP CONTROL
VRMS
Beep Level
all flat
TBD
mV
fBeep
Beep Frequency
fBeep1
500
Hz
fBeep2
1kHz
fBeep1
2kHz
fBeep2
3kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com