Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E-TDA7514 Datasheet(PDF) 40 Page - STMicroelectronics

Part # E-TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-TDA7514 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button E-TDA7514 Datasheet HTML 36Page - STMicroelectronics E-TDA7514 Datasheet HTML 37Page - STMicroelectronics E-TDA7514 Datasheet HTML 38Page - STMicroelectronics E-TDA7514 Datasheet HTML 39Page - STMicroelectronics E-TDA7514 Datasheet HTML 40Page - STMicroelectronics E-TDA7514 Datasheet HTML 41Page - STMicroelectronics E-TDA7514 Datasheet HTML 42Page - STMicroelectronics E-TDA7514 Datasheet HTML 43Page - STMicroelectronics E-TDA7514 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 74 page
background image
TDA7514
40/74
Table 33. SUBADDRESS 18: PLL Test, 456KHz VCO Adjust Start, ISS MP Gain and SD OUT MODE
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
PLL TEST "testdout1" (pin #LFHC)
0
0
0
no test
0
0
1
fref [ref freq divid out]
output, 3V
0
1
0
fsyn [VCO freq div out]
output, 3V
0
1
1
phi [VCO prescal out]
output, 3V
1
0
0
psm [prescal reset]
output, 3V
1
0
1
phi
input, 3/5V
1
1
0
fsyn
input, 3/5V
1
1
1
sstop (cntres), fsyn
input, 3/5V
PLL TEST "sstop" (pin #SD)
(byte<21>bit<10>=01
0
0
0
no test
output, 3V
0
0
1
ifref
output, 3V
0
1
0
zeroone
output, 3V
0
1
1
stim
output, 3V
1
0
0
ifcout
output, 3V
1
0
1
fsyn
output, 3V
1
1
0
ltst (lock det test)
output, 3V
1
1
1
inlock
output, 3V
456 kHz self-adjustment state machine
0
if byte<19>bit<0>=0 and byte<1>bit<0>=0
0
Waiting
1START
Adjacent Channel detector rectifier offset
0
0
0.39 V
0
1
0.78 V
1
0
1.14 V
1
1
1.49 V
Quality Seek Mode
0fs
1
Enable seek mode
AdjCh detector filter gain
0
Filter 2 Gain = 8.5 dB
1
Filter 2 Gain = 14.5 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com