Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E-TDA7514 Datasheet(PDF) 37 Page - STMicroelectronics

Part # E-TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-TDA7514 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button E-TDA7514 Datasheet HTML 33Page - STMicroelectronics E-TDA7514 Datasheet HTML 34Page - STMicroelectronics E-TDA7514 Datasheet HTML 35Page - STMicroelectronics E-TDA7514 Datasheet HTML 36Page - STMicroelectronics E-TDA7514 Datasheet HTML 37Page - STMicroelectronics E-TDA7514 Datasheet HTML 38Page - STMicroelectronics E-TDA7514 Datasheet HTML 39Page - STMicroelectronics E-TDA7514 Datasheet HTML 40Page - STMicroelectronics E-TDA7514 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 74 page
background image
37/74
TDA7514
Table 28. SUBADDRESS 13: AM Fast AGC1, AM Ultra NARROW BAND AGC, Weather Band Gain
Table 29. SUBADDRESS 14: Soft Mute, Adjacent Channel Mute
(*) Cfr. byte 20 for dependancy of ISS Smeter threshold on byte 14 programming
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
AM fast AGC1
0
off (R =100 Kohm)
1
on (R = 9 Kohm)
AM Narrow AGC disable
0NAGC on
1NAGC off
AM Ultra Narrow Band AGC Threshold
@ IF2AMPin
@ SG
000
0
76
67
000
1
86
77
001
0
92
83
001
1
90
81
010
0
75
66
010
1
85
76
011
0
88
79
011
1
78
69
100
0
74
65
100
1
83
74
101
0
90
81
101
1
79
70
110
0
73
64
110
1
82
73
111
0
87
78
111
1
77
68
Weather Band audio gain boost
0
boost off (std audio gain)
1
boost on (audio gain x 15 = +23.5 dB)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Soft mute start/stop point (FM, AM) (*)
00
VSmeterL=0,
VSmeterH=0.6
01
VSmeterL=0.2,
VSmeterH=0.6
10
VSmeterL=0.5,
VSmeterH=1.4
11
VSmeterL=1.0,
VSmeterH=1.4
Adjacent channel mute start/stop point (FM)
0VAdjChL=1,
VAdjChH=4.5
1VAdjChL=2
VAdjChH=4.5
Full soft mute level
0
0
0
-4dB
-
-
-
(step = -2.5dB)
1
1
1
-21.5dB
Full adjacent channel mute level
0
0
0dB
0
1
-6dB
1
0
-9dB
1
1
-12dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com