Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC32RF44IRMPR Datasheet(PDF) 122 Page - Texas Instruments

Part # ADC32RF44IRMPR
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMPR Datasheet(HTML) 122 Page - Texas Instruments

Back Button ADC32RF44IRMPR Datasheet HTML 118Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 119Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 120Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 121Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 122Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 123Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 124Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 125Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 126Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 135 page
background image
Matching Network
100-
Differential
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
DB1P
GND
DB1M
DB2M
GPIO3
VCM
AVDD19
GND
GND
DA0P
DA1M
AVDD
ADC32RF44
GND Pad (Back Side)
DVDD
DA1P
DA0M
GPIO4
DVDD
SYSREFM
SYSREFP
GND
AVDD19
GND
CLKINM
CLKINP
GND
AVDD
GPIO1
GPIO2
DB0M
DB0P
DVDD
DB2P
17
18
36
SYNCBM
SYNCBP
54
53
56
55
DA2P
DA2M
35
10 nF
GND
10 nF
10 k
DVDD
10 nF
10 nF
10 nF
10 nF
10 nF
10 nF
10 nF
100-
Differential
Low Jitter Clock
Generator
10 nF
AVDD
0.1 F
0.1 F
0.1 F
0.1 F
0.1 F
DVDD
DVDD
0.1 F
GND
DVDD
10 nF
GND
DVDD
0.1 F
GND
0.1 F
AVDD
0.1 F
DVDD
0.1 F
GND
AVDD19
AVDD
0.1 F
AVDD19
AVDD
AVDD19
AVDD19
0.1 F
Driver
0.1 F
Driver
AVDD19
DVDD
Matching Network
Matching
Network
SPI Master
FPGA
AVDD
DVDD
0.1 F
Copyright © 2017, Texas Instruments Incorporated
AVDD19
0.1 F
122
ADC32RF44
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
www.ti.com
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
10.2 Typical Application
The ADC32RF44 is designed for wideband receiver applications demanding high dynamic range over a large
input frequency range. A typical schematic for an ac-coupled receiver is shown in Figure 239.
Decoupling capacitors with low ESL are recommended to be placed as close as possible at the pins indicated in
Figure 239. Additional capacitors can be placed on the remaining power pins.
Figure 239. Typical Application Implementation Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com