Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC32RF44IRMPR Datasheet(PDF) 123 Page - Texas Instruments

Part # ADC32RF44IRMPR
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMPR Datasheet(HTML) 123 Page - Texas Instruments

Back Button ADC32RF44IRMPR Datasheet HTML 119Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 120Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 121Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 122Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 123Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 124Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 125Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 126Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 127Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 135 page
background image
Frequency (MHz)
0
260
520
780
1040
1300
-120
-100
-80
-60
-40
-20
0
D001
Frequency (MHz)
0
260
520
780
1040
1300
-120
-100
-80
-60
-40
-20
0
D003
CHx_INP
CHx_INM
1:1
5
(Optional)
0.1 F
1:1
5
(Optional)
0.1 F
0.1 F
TI Device
T2
T1
CIN
RIN
Copyright © 2016, Texas Instruments Incorporated
123
ADC32RF44
www.ti.com
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Application (continued)
10.2.1 Design Requirements
10.2.1.1 Transformer-Coupled Circuits
Typical applications involving transformer-coupled circuits are discussed in this section. To ensure good
amplitude and phase balance at the analog inputs, transformers (such as TC1-1-13 and TC1-1-43) can be used
from the dc to 1000-MHz range and from the 1000-MHz to 4-GHz range of input frequencies, respectively. When
designing the driving circuits, the ADC input impedance (or SDD11) must be considered.
By using the simple drive circuit of Figure 240, uniform performance can be obtained over a wide frequency
range. The buffers present at the analog inputs of the device help isolate the external drive source from the
switching currents of the sampling circuit.
Figure 240. Input Drive Circuit
10.2.2 Detailed Design Procedure
For optimum performance, the analog inputs must be driven differentially. This architecture improves common-
mode noise immunity and even-order harmonic rejection. A small resistor (5 Ω to 10 Ω) in series with each input
pin is recommended to damp out ringing caused by package parasitics, as shown in Figure 240.
10.2.3 Application Curves
Figure 241 and Figure 242 show the typical performance at 100 MHz and 1850 MHz, respectively.
SNR = 62.7 dBFS, SINAD = 62 dBFS,
HD2 = –68 dBc, HD3 = –83 dBc, SFDR = 68 dBc,
THD = 68 dBc, IL spur = 83 dBc,
SFDR (non HD2, HD3) = 74 dBc
Figure 241. FFT for 100-MHz Input Frequency
SNR = 58.5 dBFS, SINAD = 58.2 dBFS,
HD2 = –76 dBc, HD3 = –71 dBc, SFDR = 71 dBc,
THD = 70 dBc, IL spur = 77 dBc,
SFDR (non HD2, HD3) = 74 dBc
Figure 242. FFT for 1850-MHz Input Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com