Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9396 Datasheet(PDF) 58 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button L9396_V01 Datasheet HTML 54Page - STMicroelectronics L9396_V01 Datasheet HTML 55Page - STMicroelectronics L9396_V01 Datasheet HTML 56Page - STMicroelectronics L9396_V01 Datasheet HTML 57Page - STMicroelectronics L9396_V01 Datasheet HTML 58Page - STMicroelectronics L9396_V01 Datasheet HTML 59Page - STMicroelectronics L9396_V01 Datasheet HTML 60Page - STMicroelectronics L9396_V01 Datasheet HTML 61Page - STMicroelectronics L9396_V01 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 109 page
background image
Remote sensor interface
L9396
58/109
DS12539 Rev 10
5.2
Tracking regulation
RSUH0 and RSUH1 output pins can be configured as independent tracking regulators; this
is the default configuration at start-up. Each regulator tracks the voltage reference given by
the VCC (default) or VCC5 rail, depending on the user selection via SPI command. The 2
channels can be activated or deactivated independently (default state is off). Over/under
voltage and over current monitoring are applied to RSU0/1 channels when in tracking
regulator configuration and result bits are available via SPI.
5.3
Remote sensor interface fault protection
Each output is short circuit protected by an independent current limit and a thermal
detection circuit. Current limit and overcurrent detection are present for both RSUHx and
RSULx and they are independent of RSUHx and RSULx. In case RSUHx overcurrent is
detected the output stage is disabled after filter time while in case of RSULx overcurrent it's
not disabled. In any case if the thermal protection (shared between RSUH and RSUL) is
triggered the output stage is disabled. In case the thermal warning level would not be
reached, the current limitation circuitry will prevent damages on the channel, while operating
the output. This fault condition does not interfere with the normal operation of the IC or with
the operation of the other channels.
All RSUHx(x=0,1,2,3) are independently protected against a short to battery condition. Short
to battery protection disconnects the channel from its supply rail to guarantee that no
adverse condition occurs within the IC. The channel in short to battery is not shutdown by
this condition. Other channels are not affected in case of short of one output pin.
The sensor interface of RSULx(x=0,1,2,3) also offers open condition (only in ON state) and
short to ground detection (only in OFF state). The channel in this condition is not shutdown.
If there is open circuit for RSUHx, it will be detected by open detection of corresponding
RSULx if the sensor is still connected to RSULx.
The short to ground detection is implemented with a pull-up current (IRSUL_PU) and a
voltage comparator (VSTGTH) on RSULx (x=0,1,2,3). Requirement is that external short to
Table 39. RSU_STATUS register
ADDR
NAME
TYPE
BITS = 8
0001010
RSU_STATUS
R
LS Over Current and Short to ground Status
Table 40. RSU_STATUS register bit description
Data Field
Description
Reset Value
TYPE
Bit 7:4
LS OVER CURRENT channels 3:0.
(Active if the wss LS are ON)
0 => NO FAULT
1 => FAULT
0
SSM_RESET
LBIST
Bit 3:0
LS Short To Ground channels 3:0.
(Active if the wss LS are OFF)
0 => NO FAULT
1 => FAULT
0
SSM_RESET
LBIST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com