Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9396 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9396_V01 Datasheet HTML 12Page - STMicroelectronics L9396_V01 Datasheet HTML 13Page - STMicroelectronics L9396_V01 Datasheet HTML 14Page - STMicroelectronics L9396_V01 Datasheet HTML 15Page - STMicroelectronics L9396_V01 Datasheet HTML 16Page - STMicroelectronics L9396_V01 Datasheet HTML 17Page - STMicroelectronics L9396_V01 Datasheet HTML 18Page - STMicroelectronics L9396_V01 Datasheet HTML 19Page - STMicroelectronics L9396_V01 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 109 page
background image
Overall description
L9396
16/109
DS12539 Rev 10
2.4
Operating range
Within the operating ratings the part operates as specified and without parameter
deviations. Once taken beyond the operative ratings and returned back within, the part will
recover with no damage or degradation.
Additional supply voltage and temperature conditions are given separately at the beginning
of each specification table.
ESD according to the Charged
Device Model (CDM), Q100-
011 Corner pins
-
-
-
-
±750
V
ESD according to the Charged
Device Model (CDM), Q100-
011 Non-corner pins
-
-
-
-
±500
V
Temperature requirements
Ta
-
-
-40
-
135
°C
Tstorage
-
-
-55
-
150
°C
Tj
-
-
-40
-
175
°C
Rth j-a
Thermal
resistance
junction to
ambient
With 2s2p
PCB std
Jedec.
Natural
convenction.
Standard
Jedec best
JESD51-7
-
26
-
°C/W
Rth j-c
Thermal
resistance
junction to
case
Bottom cold
plate in
contact with
package
bottom case
(e-pad side).
JESD51
best practice
guidlines.
-
-
2.9
°C/W
Table 3. Pin absolute maximum ratings (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Table 4. Pin operating range
Pin name
Condition
Min
Max
Unit
Power supply
VB, VBST, VBM
-
-0.1
19
V
VB_SW
-
-1
19
V
BSTSW, VPREREG, I_CORE_SH,
I_CORE_SL
-
-0.1
19
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com