Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9396 Datasheet(PDF) 64 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button L9396_V01 Datasheet HTML 60Page - STMicroelectronics L9396_V01 Datasheet HTML 61Page - STMicroelectronics L9396_V01 Datasheet HTML 62Page - STMicroelectronics L9396_V01 Datasheet HTML 63Page - STMicroelectronics L9396_V01 Datasheet HTML 64Page - STMicroelectronics L9396_V01 Datasheet HTML 65Page - STMicroelectronics L9396_V01 Datasheet HTML 66Page - STMicroelectronics L9396_V01 Datasheet HTML 67Page - STMicroelectronics L9396_V01 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 109 page
background image
System functional safety implementations
L9396
64/109
DS12539 Rev 10
7
System functional safety implementations
7.1
General functional safety implementations
The device comes with a set of analog and digital design implementations:
•
Double independent voltage reference;
•
Oscillator clock monitoring;
•
Battery monitoring;
•
ECU supply voltage monitoring;
•
Internal (more than 30 channels) and external (up to 7 channels) analog voltage
measurements;
•
Double watchdog control;
•
Pump motor driver diagnostics;
•
Reset output pin;
•
Fault output pin;
•
Fail-safe configurable output pin;
•
Analog BIST on all analog voltage monitors;
•
Digital BIST;
•
Over temperature protection;
•
Temperature sensor
7.2
System monitoring and reset handling
7.2.1
Analog to Digital algorithmic converter
The device hosts an integrated 10-bit Analog to Digital converter, running at a clock
frequency of 16MHz. The ADC output is processed by a D to D converter with the following
functions:
•
Use of trimming bits to recover additional gain error due to resistor dividers mismatch;
•
Digital low-pass filtering;
•
Conversion from 12 to 10 bits.
10-bit data are filtered inside the digital section. The number of samples that are filtered vary
depending on the chosen conversion. The sample number can be configured by accessing
the ADC_CFG register. After low pass filter, the residual total error is +/-5 LSB. This error
figure applies to the case of a precise reference voltage: the spread of reference voltage
causes a proportional error in the conversion output.
The reference voltage of the ADC VREFH is set to 2.5 V and VREFL set to 0.1 V. Therefore
the voltage range is 2.4 V.
The conversion time is comprised of several factors: the number of measurements loaded
into the queue, the number of samples taken for any measurement, and the various settling
times. An example of conversion time calculation for a full ADC request queue is reported in
Figure 10. The timings reported in Figure 10 are nominal ones, min/max values can be
obtained by considering the internal oscillator frequency variation reported in the DC
characteristics section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com