Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9396 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L9396_V01 Datasheet HTML 18Page - STMicroelectronics L9396_V01 Datasheet HTML 19Page - STMicroelectronics L9396_V01 Datasheet HTML 20Page - STMicroelectronics L9396_V01 Datasheet HTML 21Page - STMicroelectronics L9396_V01 Datasheet HTML 22Page - STMicroelectronics L9396_V01 Datasheet HTML 23Page - STMicroelectronics L9396_V01 Datasheet HTML 24Page - STMicroelectronics L9396_V01 Datasheet HTML 25Page - STMicroelectronics L9396_V01 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 109 page
background image
Power supply
L9396
22/109
DS12539 Rev 10
The device returns to normal operation with full functionality as soon as the POR is
released.
3.4
Wake-up input
The input pin IGN can be used as a wake up source connection. In case the voltage on IGN
pin raises above WAKEhigh_th for an interval longer than WAKEflt_up, the device wakes up.
The device moves to sleep in case IGN falls below WAKEhigh_th - WAKEhys for an interval
longer than WAKEflt_down. This input can be connected to ignition battery switches or
transceiver inhibit outputs. A filter time is implemented to reject spurious glitches. The filter
time is started when the input signal exceeds the specified threshold.
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C ≤ Tj ≤ +175 °C; 4.5 V ≤ VBATP ≤ 19 V.
Table 7. Internal supply electrical characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
GNDDOPEN
GNDD threshold
GNDx = 0
180
300
420
mV
TFLT_ GNDD_OPEN
GNDD Open deglitch filter
time
-
-
10
-
µs
GNDBSTOPEN
GNDBST threshold
GNDx=0
200
300
400
mV
GNDBSTPU
GNDBST pull-up current
Boost OFF
50
-
200
µA
TFLT_ GNDBST_OPEN
GNDBST Open deglitch
filter time
-
7.5
-
11
µs
VDD
VDD Output Voltage
-
3.15
3.3
3.4
V
VDDOV
VDD Over-voltage
threshold
-
3.47
-
3.7
V
VDDUV
VDD Under-voltage
threshold
-
2.7
-
2.9
V
TFLT_ VDD_OV_UV
VDD Over-voltage / Under-
voltage deglitch filter time
-
-
10
-
µs
VINTA
VINTA Output Voltage
-
3.2
3.3
3.4
V
VINTAOV
VINTA Over-voltage
threshold
-
3.47
-
3.7
V
VINTAUV
VINTA Under-voltage
threshold
-
2.95
-
3.13
V
TFLT_ VINTA_OV_UV
VINTA Over-voltage /
Under-voltage deglitch filter
time
-
-
10
-
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com