Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9396 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L9396_V01 Datasheet HTML 15Page - STMicroelectronics L9396_V01 Datasheet HTML 16Page - STMicroelectronics L9396_V01 Datasheet HTML 17Page - STMicroelectronics L9396_V01 Datasheet HTML 18Page - STMicroelectronics L9396_V01 Datasheet HTML 19Page - STMicroelectronics L9396_V01 Datasheet HTML 20Page - STMicroelectronics L9396_V01 Datasheet HTML 21Page - STMicroelectronics L9396_V01 Datasheet HTML 22Page - STMicroelectronics L9396_V01 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 109 page
background image
DS12539 Rev 10
19/109
L9396
Power supply
109
3.2
Boost regulator
The boost regulator can be enabled or disabled via SPI depending on the needs of the
application with respect to the operating battery level. It features an integrated power stage
and operates at 2 MHz to allow the use of external low cost 2.2 µH inductor. The current
capability should be enough to grant full I/O pin supply and minimal µC operation.
When not used, BSTSW pin can be connected to ground and VBST directly to the protected
battery line. The device enables or keeps disabled the boost converter at start-up depending
on the external circuitry: if BSTSW pin is shorted to ground, the boost is disabled at power
up and kept disabled; in case the BSTSW experiences a high voltage at power up, given by
battery connection through the inductor, the boost is enabled. This condition is reported via
SPI with bit BOOST_KEPT_OFF of SUPPLY_CONTROL_2 register (it means that boost
has been kept off and will not operate).
Boost converter diagnostics include under voltage, reported via SPI and FAULT pin (if the
regulator is enabled). The integrated FET featuring the boost switch is protected against
short to battery by means of a thermal shutdown circuit. When thermal fault is detected the
FET is switched off and latched in this state until the related fault flag is read. In case of loss
of ground the FET is switched off and automatically reactivated as soon as ground
connection is restored. Over-voltage protection from load-dump and inductive flyback is
provided via an active clamp and a disable circuitry. A dedicated circuitry is implemented to
keep the boost off at start-up till the voltage difference between VB and VBST pins is lower
than BST_DISABLETH in order to reduce in-rush current and diagnose VBST pin loss
condition or diode loss. An SPI bit is present to report output of this comparator (bit
BOOST_READY of SUPPLY_CONTROL_2 register goes high when VBST>=VB-
BST_DISABLETH).
State of boost regulator is reported via SPI bit BOOST_ON_FLAG in register
SUPPLY_CONTROL_2. In case boost is disabled due to diagnostic or battery voltage
above output regulation voltage this bit is cleared to 0.
Figure 3. Boost regulator block diagram
Comp
BST
control
CLAMP
enable
BSTSW
VBST
GNDBST
TH
TH
VB
GADG1801171332PS
BST_DISABLE
driver &
CLAMP_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com